Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3500AST Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # ADP3500AST
Description  CDMA Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADP3500AST Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button ADP3500AST Datasheet HTML 20Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 21Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 22Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 23Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 24Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 25Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 26Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 27Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
ADP3500
REV.PrP 2/6/02
- 24 -
USEC
Counter
RTC
Counter
Loading Alarm times
RTC_WRITE_ENABLE
RTC_CLK32K
rtc_data[7:0]
rtc_alarm_int
RTC_CS
rtc_ctfg_int
RTC_WRITE_DATA[7:0]
(from serial I/F)
RTC
Register
block
RTC_SP_ADDR[5:0]
Alarm
Comparator
Periodic
Interrupt
Data
Select
leap year
and Date
Control
Reset will be asserted when
RTC counter is writed.
Registers for
Test mode
- Reset to RTC & USEC counters
- Write initial data of USEC counter
Sec counter
Increment
control
Figure 15. RTC counter block
2.9.2 Operation
Synchronizing with RTC_CLK32K clock, USEC counter generates 1sec timing clock and the clock hits RTC counter.
Through the serial interface, CPU can write setting value and read RTC counter value. In case the RTC counter toggles during
the serial interface access to RTC counter, the wrong data can be read/write between RTC counter and interface. CS signal
stops the clocking to RTC counter until CS signal is released. In case CPU writes data into SEC counter, USEC counter is
reset to zero.
Note
•
In case of RTC counter access, the access should be waited approximately 62
µS, (2 clock cycles of CLK32K) after the
CS signal is asserted, to hold the RTC value.
•
CS signal should never be asserted 1sec or longer, this affects counter operation.
2.9.3 Operation of USEC counter
USEC counter counts up synchronizing with RTC_CLK32K clock. It generates 1sec timing signal and it is used as an
increment clocking of RTC counter. In case the 1sec signal is generated during CS signal asserted, the increment clock is
delayed until CS signal is released.
2.9.4 Operation of RTC counter
RTC counter uses the increment signal from USEC counter to control counting operation including the leap year control and
numbers of days in a month control.
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com