Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7516 Datasheet(PDF) 3 Page - Analog Devices

Part # ADT7516
Description  SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 3 Page - Analog Devices

  ADT7516 Datasheet HTML 1Page - Analog Devices ADT7516 Datasheet HTML 2Page - Analog Devices ADT7516 Datasheet HTML 3Page - Analog Devices ADT7516 Datasheet HTML 4Page - Analog Devices ADT7516 Datasheet HTML 5Page - Analog Devices ADT7516 Datasheet HTML 6Page - Analog Devices ADT7516 Datasheet HTML 7Page - Analog Devices ADT7516 Datasheet HTML 8Page - Analog Devices ADT7516 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. A | Page 3 of 44
SPECIFICATIONS
Table 1. Temperature range is as follows: A version: –40°C to +120°C. VDD = 2.7 V to 5.5 V, GND = 0 V, REFIN = 2.25 V, unless
otherwise noted.
Parameter1
Min
Typ
Max
Unit
Conditions/Comments
DAC DC PERFORMANCE2, 3
ADT7519
Resolution
8
Bits
Relative Accuracy
±0.15
±1
LSB
Differential Nonlinearity
±0.02
±0.25
LSB
Guaranteed monotonic over all codes.
ADT7517
Resolution
10
Bits
Relative Accuracy
±0.5
±4
LSB
Differential Nonlinearity
±0.05
±0.5
LSB
Guaranteed monotonic over all codes.
ADT7516
Resolution
12
Bits
Relative Accuracy
±2
±16
LSB
Differential Nonlinearity
±0.02
±0.9
LSB
Guaranteed monotonic over all codes.
Offset Error
±0.4
±2
% of FSR
Gain Error
±0.3
±2
% of FSR
Lower Deadband
20
65
mV
Lower deadband exists only if offset error is
negative. See Figure 8.
Upper Deadband
60
100
mV
Upper deadband exists if VREF = VDD and off-set
plus gain error is positive. See Figure 9.
Offset Error Drift4
–12
ppm of FSR/°C
Gain Error Drift
4
–5
ppm of FSR/°C
DC Power Supply Rejection
Ratio
4
–60
dB
∆VDD = ±10%.
DC Crosstalk
4
200
µV
See Figure 5.
ADC DC ACCURACY
Max VDD = 5 V.
Resolution
10
Bits
Total Unadjusted Error (TUE)
2
3
% of FSR
Offset Error
±0.5
% of FSR
Gain Error
±2
% of FSR
ADC BANDWIDTH
DC
Hz
ANALOG INPUTS
Input Voltage Range
0
2.28
V
AIN1 to AIN4. C4 = 0 in Control Configuration 3.
0
VDD
V
AIN1 to AIN4. C4 = 0 in Control Configuration 3.
DC Leakage Current
±1
µA
Input Capacitance
5
20
pF
Input Resistance
10
MΩ
THERMAL CHARACTERISTICS
INTERNAL TEMPERATURE SENSOR
Internal reference used. Averaging on.
Accuracy @ VDD = 3.3 V ±10%
±1.5
°C
TA = 85°C.
±0.5
±3
°C
TA = 0°C to +85°C.
±2
±5
°C
TA = –40°C to +120°C.
Accuracy @ VDD = 5 V ±5%
±2
±3
°C
TA = 0°C to +85°C.
±3
±5
°C
TA = –40°C to +120°C.
Resolution
10
Bits
Equivalent to 0.25°C.
Long-Term Drift
0.25
°C
Drift over 10 years if part is operated at 55°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com