Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6032 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6032
Description  CMOS Dual Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6032 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMC6032 Datasheet HTML 1Page - National Semiconductor (TI) LMC6032 Datasheet HTML 2Page - National Semiconductor (TI) LMC6032 Datasheet HTML 3Page - National Semiconductor (TI) LMC6032 Datasheet HTML 4Page - National Semiconductor (TI) LMC6032 Datasheet HTML 5Page - National Semiconductor (TI) LMC6032 Datasheet HTML 6Page - National Semiconductor (TI) LMC6032 Datasheet HTML 7Page - National Semiconductor (TI) LMC6032 Datasheet HTML 8Page - National Semiconductor (TI) LMC6032 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. Boldface limits apply at the temperature extremes. V
+ = 5V,
V
− = GND = 0V, V
CM = 1.5V, VOUT = 2.5V and RL > 1M unless otherwise specified.
Symbol
Parameter
Conditions
Typical
(Note 5)
LMC6032I
Units
Limit
(Note 6)
SR
Slew Rate
(Note 8)
1.1
0.8
V/µs
0.4
min
GBW
Gain-Bandwidth Product
1.4
MHz
φ
M
Phase Margin
50
Deg
G
M
Gain Margin
17
dB
Amp-to-Amp Isolation
(Note 9)
130
dB
e
n
Input-Referred Voltage Noise
F = 1 kHz
22
i
n
Input-Referred Current Noise
F = 1 kHz
0.0002
THD
Total Harmonic Distortion
F = 10 kHz, A
V = −10
R
L = 2kΩ,VO = 8VPP
0.01
%
±5V Supply
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to component may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The
guaranteed specifications apply only for the test conditions listed.
Note 2: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature and/or multiple Op Amp shorts
can result in exceeding the maximum allowed junction temperature of 150˚C. Output currents in excess of ±30 mA over long term may adversely affect reliability.
Note 3: The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is PD = (TJ(max)
–TA)/θJA.
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 5: Typical values represent the most likely parametric norm.
Note 6: All limits are guaranteed at room temperature (standard type face) or at operating temperature extremes (bold type face).
Note 7: V+ = 15V, VCM = 7.5V, and RL connected to 7.5V. For Sourcing tests, 7.5V ≤ VO ≤ 11.5V. For Sinking tests, 2.5V ≤ VO ≤ 7.5V.
Note 8: V+ = 15V. Connected as Voltage Follower with 10V step input. Number specified is the slower of the positive and negative slew rates.
Note 9: Input referred. V+ = 15V and RL = 10 kΩ connected to V
+/2. Each amp excited in turn with 1 kHz to produce V
O = 13 VPP.
Note 10: Do not connect output to V+, when V+ is greater than 13V or reliability may be adversely affected.
Note 11: For operating at elevated temperatures the device must be derated based on the thermal resistance
θJA with PD = (TJ −TA)/θJA.
Note 12: All numbers apply for packages soldered directly into a PC board.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com