Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6032 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6032
Description  CMOS Dual Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6032 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMC6032 Datasheet HTML 2Page - National Semiconductor (TI) LMC6032 Datasheet HTML 3Page - National Semiconductor (TI) LMC6032 Datasheet HTML 4Page - National Semiconductor (TI) LMC6032 Datasheet HTML 5Page - National Semiconductor (TI) LMC6032 Datasheet HTML 6Page - National Semiconductor (TI) LMC6032 Datasheet HTML 7Page - National Semiconductor (TI) LMC6032 Datasheet HTML 8Page - National Semiconductor (TI) LMC6032 Datasheet HTML 9Page - National Semiconductor (TI) LMC6032 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Typical Performance Characteristics V
S = ±7.5V, TA = 25˚C unless otherwise specified (Continued)
Note 13: Avoid resistive loads of less than 500
Ω, as they may cause instability.
Application Hints
AMPLIFIER TOPOLOGY
The topology chosen for the LMC6032, shown in
Figure 1,is
unconventional (compared to general-purpose op amps) in
that the traditional unity-gain buffer output stage is not used;
instead, the output is taken directly from the output of the in-
tegrator, to allow a larger output swing. Since the buffer tra-
ditionally delivers the power to the load, while maintaining
high op amp gain and stability, and must withstand shorts to
either rail, these tasks now fall to the integrator.
As a result of these demands, the integrator is a compound
affair with an embedded gain stage that is doubly fed forward
(via C
f and Cff) by a dedicated unity-gain compensation
driver. In addition, the output portion of the integrator is a
push-pull configuration for delivering heavy loads. While
sinking current the whole amplifier path consists of three
gain stages with one stage fed forward, whereas while
sourcing the path contains four gain stages with two fed
forward.
The large signal voltage gain while sourcing is comparable
to traditional bipolar op amps, even with a 600
Ω load. The
gain while sinking is higher than most CMOS op amps, due
to the additional gain stage; however, under heavy load
(600
Ω) the gain will be reduced as indicated in the Electrical
Characteristics.
COMPENSATING INPUT CAPACITANCE
The high input resistance of the LMC6032 op amps allows
the use of large feedback and source resistor values without
losing gain accuracy due to loading. However, the circuit will
be especially sensitive to its layout when these large-value
resistors are used.
Every amplifier has some capacitance between each input
and AC ground, and also some differential capacitance be-
tween the inputs. When the feedback network around an
amplifier is resistive, this input capacitance (along with any
additional capacitance due to circuit board traces, the
socket, etc.) and the feedback resistors create a pole in the
feedback path. In the following General Operational Amplifier
Circuit,
Figure 2, the frequency of this pole is
where C
S is the total capacitance at the inverting input, in-
cluding amplifier input capacitance and any stray capaci-
tance from the IC socket (if one is used), circuit board traces,
etc., and R
Pis the parallel combination of RF and RIN. This
formula, as well as all formulae derived below, apply to in-
verting and non-inverting op-amp configurations.
When the feedback resistors are smaller than a few k
Ω, the
frequency of the feedback pole will be quite high, since C
Sis
generally less than 10 pF. If the frequency of the feedback
pole is much higher than the “ideal” closed-loop bandwidth
(the nominal closed-loop bandwidth in the absence of C
S),
the pole will have a negligible effect on stability, as it will add
only a small amount of phase shift.
However, if the feedback pole is less than approximately 6 to
10 times the “ideal” −3 dB frequency, a feedback capacitor,
C
F, should be connected between the output and the invert-
ing input of the op amp. This condition can also be stated in
terms of the amplifier’s low-frequency noise gain: To main-
tain stability, a feedback capacitor will probably be needed if
Stability vs
Capacitive Load
DS011135-32
Stability vs
Capacitive Load
DS011135-33
DS011135-3
FIGURE 1. LMC6032 Circuit Topology (Each Amplifier)
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com