Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6032 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6032
Description  CMOS Dual Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6032 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMC6032 Datasheet HTML 5Page - National Semiconductor (TI) LMC6032 Datasheet HTML 6Page - National Semiconductor (TI) LMC6032 Datasheet HTML 7Page - National Semiconductor (TI) LMC6032 Datasheet HTML 8Page - National Semiconductor (TI) LMC6032 Datasheet HTML 9Page - National Semiconductor (TI) LMC6032 Datasheet HTML 10Page - National Semiconductor (TI) LMC6032 Datasheet HTML 11Page - National Semiconductor (TI) LMC6032 Datasheet HTML 12Page - National Semiconductor (TI) LMC6032 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Application Hints (Continued)
BIAS CURRENT TESTING
The test method of
Figure 8 is appropriate for bench-testing
bias current with reasonable accuracy. To understand its op-
eration, first close switch S2 momentarily. When S2 is
opened, then
A suitable capacitor for C2 would be a 5 pF or 10 pF silver
mica, NPO ceramic, or air-dielectric. When determining the
magnitude of I
b−, the leakage of the capacitor and socket
must be taken into account. Switch S2 should be left shorted
most of the time, or else the dielectric absorption of the ca-
pacitor C2 could cause errors.
Similarly, if S1 is shorted momentarily (while leaving S2
shorted)
where C
x is the stray capacitance at the + input.
Typical Single-Supply Applications (V+ = 5.0 V
DC)
Additional single-supply applications ideas can be found in
the LM358 datasheet. The LMC6032 is pin-for-pin compat-
ible with the LM358 and offers greater bandwidth and input
resistance over the LM358. These features will improve the
performance of many existing single-supply applications.
Note, however, that the supply voltage range of the
LMC6032 is smaller than that of the LM358.
if R1 = R5;
R3 = R6,
and R4 = R7.
= 100 for circuit shown.
For good CMRR over temperature, low drift resistors should
be used. Matching of R3 to R6 and R4 to R7 affects CMRR.
Gain may be adjusted through R2. CMRR may be adjusted
through R7.
DS011135-11
(Input pins are lifted out of PC board and soldered directly to components.
All other pins connected to PC board.)
FIGURE 7. Air Wiring
DS011135-12
FIGURE 8. Simple Input Bias Current Test Circuit
Instrumentation Amplifier
DS011135-14
Sine-Wave Oscillator
DS011135-15
Oscillator frequency is determined by R1, R2, C1, and C2:
fOSC = 1/2πRC
where R = R1 = R2 and C = C1 = C2.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com