Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2993 Datasheet(PDF) 6 Page - Semtech Corporation

Part # GS2993
Description  Dual Output Adaptive Cable Equalizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2993 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button GS2993 Datasheet HTML 2Page - Semtech Corporation GS2993 Datasheet HTML 3Page - Semtech Corporation GS2993 Datasheet HTML 4Page - Semtech Corporation GS2993 Datasheet HTML 5Page - Semtech Corporation GS2993 Datasheet HTML 6Page - Semtech Corporation GS2993 Datasheet HTML 7Page - Semtech Corporation GS2993 Datasheet HTML 8Page - Semtech Corporation GS2993 Datasheet HTML 9Page - Semtech Corporation GS2993 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
GS2993 Dual Output Adaptive Cable Equalizer
Data Sheet
53966 - 4
August 2012
6 of 23
Propietary & Confidential
20
OP1_CTL
Input
CONTROL SIGNAL INPUT
Controls the Output Swing, De-emphasis, and Mute features of SDO
and SDO from output 1.
When connected to GND, the output swing is 800mV with no
de-emphasis. When connected to the 3.3V analog power supply, the
output is MUTED.
Includes an internal pull down resistor.
See Section 4.7 for all other control options.
21
OP1_EN
Input
Output 1 Enable.
When HIGH, Output 1 is operational.
When LOW, Output 1 is powered-down and the outputs are both at
VCC_O1.
Includes an internal pull up resistor.
22
CLI
Output
Cable Length Indicator.
23
SLEEP
Not
Synchronous
Input
CONTROL SIGNAL INPUT
When set HIGH, the GS2993 is powered-down except for the Carrier
Detect functionality.
Includes an internal pull-down resistor.
24
CD
Not
Synchronous
Output
Carrier Detect status signal output.
Signal levels are LVCMOS/LVTTL compatible.
Indicates presence of a good input signal. When the CD pin is LOW,
a good input signal has been detected. When this pin is HIGH, the
input signal is invalid.
This pin will indicate loss of carrier for all supported data rates.
–
Center Pad
–
Power
Internally bonded to VEE_A.
Table 1-1: GS2993 Pin Descriptions (Continued)
Pin Number
Name
Timing
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com