Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2993 Datasheet(PDF) 14 Page - Semtech Corporation

Part # GS2993
Description  Dual Output Adaptive Cable Equalizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2993 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button GS2993 Datasheet HTML 10Page - Semtech Corporation GS2993 Datasheet HTML 11Page - Semtech Corporation GS2993 Datasheet HTML 12Page - Semtech Corporation GS2993 Datasheet HTML 13Page - Semtech Corporation GS2993 Datasheet HTML 14Page - Semtech Corporation GS2993 Datasheet HTML 15Page - Semtech Corporation GS2993 Datasheet HTML 16Page - Semtech Corporation GS2993 Datasheet HTML 17Page - Semtech Corporation GS2993 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
GS2993 Dual Output Adaptive Cable Equalizer
Data Sheet
53966 - 4
August 2012
14 of 23
Propietary & Confidential
4.4 Programmable Squelch Adjust (SQ_ADJ)
The GS2993 incorporates a programmable Squelch Adjust (SQ_ADJ) threshold.
This feature can be useful in applications where there are multiple input channels using
the GS2993 and the maximum gain can be limited to avoid crosstalk.
The SQ_ADJ pin acts to change the threshold of the Carrier Detect (CD) pin, through
voltage level variances. When the input signal drops below a certain threshold, the CD
pin will be driven HIGH, indicating that there is not a valid input signal. In applications
where programmable squelch adjust is not required, the SQ_ADJ pin may be left
unconnected. Figure 4-1 shows the relationship between the SQ_ADJ voltage and cable
length at which CD will assert or de-assert.
This feature has been designed for use in applications such as routers, where signal
crosstalk and circuit noise cause the Equalizer to output erroneous data when no input
signal is present. The use of a Carrier Detect function with a fixed internal reference
does not solve this problem, since the signal to noise ratio on the circuit board could be
significantly less than the default signal detection level set by the on chip reference.
NOTE:
SQ_ADJ is designed to operate when the device is in manual sleep mode. In this
situation, CD should not be connected to SLEEP.
Figure 4-1: SQ_ADJ vs. Cable Length (VCC=3.3V, room temperature, 800mV launch swing)
4.5 Carrier Detect, Sleep, and Auto-Sleep
The GS2993 includes a SLEEP input pin, which allows the application interface to put the
GS2993 into a low-power sleep mode, consuming less than 30mW. Set the SLEEP pin
HIGH to place the chip in its sleep state. In this mode, the Carrier Detect output will still
function in order to detect valid Serial Digital Input.
1.8V
1.7V
1.6V
1.6V
1.4V
1.2V
1.1V
1V
1V
0.8V
Table 4-1: Typical Output Voltage Levels
Supply Voltage -
Output Driver
400mVp-p Swing
(DC-coupled Output)
400mVp-p Swing
(AC-coupled Output)
800mVp-p Swing
(DC-coupled Output)
800mVp-p Swing
(AC-coupled Output)
3.2
3.0
2.8
2.6
2.4
2.2
2.0
Cable Length (m)
0
50 100 150 200 250 300 350 400 450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com