Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2993 Datasheet(PDF) 15 Page - Semtech Corporation

Part # GS2993
Description  Dual Output Adaptive Cable Equalizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2993 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button GS2993 Datasheet HTML 11Page - Semtech Corporation GS2993 Datasheet HTML 12Page - Semtech Corporation GS2993 Datasheet HTML 13Page - Semtech Corporation GS2993 Datasheet HTML 14Page - Semtech Corporation GS2993 Datasheet HTML 15Page - Semtech Corporation GS2993 Datasheet HTML 16Page - Semtech Corporation GS2993 Datasheet HTML 17Page - Semtech Corporation GS2993 Datasheet HTML 18Page - Semtech Corporation GS2993 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
GS2993 Dual Output Adaptive Cable Equalizer
Data Sheet
53966 - 4
August 2012
15 of 23
Propietary & Confidential
The Carrier Detect output pin (CD) indicates the presence of a valid signal at the input of
the GS2993. When CD is LOW, the device has detected a valid input on SDI and SDI.
When CD is HIGH, the device has not detected a valid input.
The Carrier Detect output still functions when the GS2993 is in sleep mode, such that a
valid Serial Digital Input can be detected at all times. In the sleep state, the carrier detect
functionality requires that the GAIN_SEL input be set to 0.
Auto-Sleep can be enabled by connecting CD to SLEEP. When connected, the GS2993
will automatically go into standby mode when there is a loss of Serial Digital Input
signal.
NOTE 1:
CD will only detect loss of carrier for data rates greater than 19Mb/s.
NOTE 2:
If the maximum cable length is exceeded (set by the SQ_ADJ pin) and the device
is not in Bypass mode, the CD pin will not be driven LOW, even if a carrier is present.
NOTE 3:
If the CD is connected to SLEEP, SQ_ADJ should either be left open, or
connected to ground.
Table 4-2: Sleep Input Table
Sleep
Function
0
The GS2993 operates normally
1
The GS2993 enters sleep mode. CD
output remains valid
Table 4-3: CD Output Table
CD
Input Status
0
Valid Input on SDI, SDI pins
1
Input is not valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com