Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6762 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6762
Description  Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6762 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMC6762 Datasheet HTML 1Page - National Semiconductor (TI) LMC6762 Datasheet HTML 2Page - National Semiconductor (TI) LMC6762 Datasheet HTML 3Page - National Semiconductor (TI) LMC6762 Datasheet HTML 4Page - National Semiconductor (TI) LMC6762 Datasheet HTML 5Page - National Semiconductor (TI) LMC6762 Datasheet HTML 6Page - National Semiconductor (TI) LMC6762 Datasheet HTML 7Page - National Semiconductor (TI) LMC6762 Datasheet HTML 8Page - National Semiconductor (TI) LMC6762 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
5.0V and 15.0V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5.0V and 15.0V, V− = 0V, V
CM = V
+/2. Boldface limits
apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
LMC6762AI
LMC6762BI
Units
Limit
Limit
(Note 6)
(Note 6)
V
OS
Input Offset Voltage
3
5
15
mV
818
max
TCV
OS
Input Offset Voltage
V
+ = 5V
2.0
µV/˚C
Temperature Drift
V
+ = 15V
4.0
Input Offset Voltage
V
+ = 5V (Note 8)
3.3
µV/Month
Average Drift
V
+ = 15V (Note 8)
4.0
I
B
Input Current
V = 5V
0.04
pA
I
OS
Input Offset Current
V
+ = 5V
0.02
pA
CMRR
Common Mode
V
+ = 5V
75
dB
Rejection Ratio
V
+ = 15V
82
dB
PSRR
Power Supply Rejection Ratio
±2.5V < V
S < ±5V
80
dB
A
V
Voltage Gain
(By Design)
100
dB
V
CM
Input Common-Mode
V
+ = 5.0V
5.3
5.2
5.2
V
Voltage Range
CMRR > 55 dB
5.0
5.0
min
−0.3
−0.2
−0.2
V
0.0
0.0
max
V
+ = 15.0V
15.3
15.2
15.2
V
CMRR > 55 dB
15.0
15.0
min
−0.3
−0.2
−0.2
V
0.0
0.0
max
V
OH
Output Voltage High
V
+ = 5V
4.8
4.6
4.6
V
I
LOAD = 5mA
4.45
4.45
min
V
+ = 15V
14.8
14.6
14.6
V
I
LOAD = 5mA
14.45
14.45
min
V
OL
Output Voltage Low
V
+ = 5V
0.2
0.4
0.4
V
I
LOAD = 5mA
0.55
0.55
max
V
+ = 15V
0.2
0.4
0.4
V
I
LOAD = 5mA
0.55
0.55
max
I
S
Supply Current
For Both Comparators
12
20
20
µA
(Output Low)
25
25
max
I
SC
Short Circuit Current
Sourcing
30
mA
Sinking, V
O = 12V
45
(Note 7)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com