Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6762 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6762
Description  Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6762 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMC6762 Datasheet HTML 1Page - National Semiconductor (TI) LMC6762 Datasheet HTML 2Page - National Semiconductor (TI) LMC6762 Datasheet HTML 3Page - National Semiconductor (TI) LMC6762 Datasheet HTML 4Page - National Semiconductor (TI) LMC6762 Datasheet HTML 5Page - National Semiconductor (TI) LMC6762 Datasheet HTML 6Page - National Semiconductor (TI) LMC6762 Datasheet HTML 7Page - National Semiconductor (TI) LMC6762 Datasheet HTML 8Page - National Semiconductor (TI) LMC6762 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V, V
CM = VO = V
+/2. Boldface limits apply at
the temperature extreme.
Symbol
Parameter
Conditions
Typ
(Note 5)
LMC6762AI
LMC6762BI
Units
Limit
Limit
(Note 6)
(Note 6)
t
RISE
Rise Time
f = 10 kHz, C
L = 50 pF,
0.3
µs
Overdrive = 10 mV (Notes 9, 10)
t
FALL
Fall Time
f = 10 kHz, C
L = 50 pF,
0.3
µs
Overdrive = 10 mV (Notes 9, 10)
t
PHL
Propagation Delay
f = 10 kHz,
Overdrive = 10 mV
10
µs
(High to Low)
C
L = 50 pF
Overdrive = 100 mV
4
µs
(Notes 9, 10)
V
+ = 2.7V,
Overdrive = 10 mV
10
µs
f = 10 kHz,
C
L = 50 pF
Overdrive = 100 mV
4
µs
(Notes 9, 10)
t
PLH
Propagation Delay
f = 10 kHz,
Overdrive = 10 mV
6
µs
(Low to High)
C
L = 50 pF
Overdrive = 100 mV
4
µs
(Notes 9, 10)
V
+ = 2.7V,
Overdrive = 10 mV
7
µs
f = 10 kHz,
C
L = 50 pF
Overdrive = 100 mV
4
µs
(Notes 9, 10)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the electrical characteristics.
Note 2: Human body model, 1.5 k
Ω in series with 100 pF.
Note 3: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150˚C. Output currents in excess of ±30 mA over long term may adversely affect reliability.
Note 4: The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(max) –TA)/θJA.All numbers apply for packages soldered directly into a PC board.
Note 5: Typical Values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: Do not short circuit output to V+, when V+ is greater than 12V or reliability will be adversely affected.
Note 8: Input Offset Voltage Average Drift is calculated by dividing the accelerated operating life drift average by the equivalent operational time. The Input Offset
Voltage Average Drift represents the input offset voltage change at worst-case input conditions.
Note 9: CL includes the probe and jig capacitance.
Note 10: The rise and fall times are measured with a 2V input step. The propagation delays are also measured with a 2V input step.
Typical Performance Characteristics V+ = 5V, Single Supply, T
A = 25˚C unless otherwise specified
Supply Current vs Supply
Voltage (Output High)
DS012320-20
Supply Current vs Supply
Voltage (Output Low)
DS012320-21
Input Current vs
Common-Mode Voltage
DS012320-22
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com