Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6762 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6762
Description  Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6762 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC6762 Datasheet HTML 1Page - National Semiconductor (TI) LMC6762 Datasheet HTML 2Page - National Semiconductor (TI) LMC6762 Datasheet HTML 3Page - National Semiconductor (TI) LMC6762 Datasheet HTML 4Page - National Semiconductor (TI) LMC6762 Datasheet HTML 5Page - National Semiconductor (TI) LMC6762 Datasheet HTML 6Page - National Semiconductor (TI) LMC6762 Datasheet HTML 7Page - National Semiconductor (TI) LMC6762 Datasheet HTML 8Page - National Semiconductor (TI) LMC6762 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LMC6762
Dual MicroPower Rail-To-Rail Input CMOS Comparator
with Push-Pull Output
General Description
The LMC6762 is an ultra low power dual comparator with a
maximum supply current of 10 µA/comparator. It is designed
to operate over a wide range of supply voltages, from 2.7V to
15V. The LMC6762 has guaranteed specs at 2.7V to meet
the demands of 3V digital systems.
The LMC6762 has an input common-mode voltage range
which exceeds both supplies. This is a significant advantage
in low-voltage applications. The LMC6762 also features a
push-pull output that allows direct connections to logic de-
vices without a pull-up resistor.
A quiescent
power
consumption
of
50
µW/amplifier
(@ V
+ = 5V) makes the LMC6762 ideal for applications in
portable phones and hand-held electronics. The ultra-low
supply current is also independent of power supply voltage.
Guaranteed operation at 2.7V and a rail-to-rail performance
makes this device ideal for battery-powered applications.
Refer to the LMC6772 datasheet for an open-drain version
of this device.
Features
(Typical unless otherwise noted)
n Low power consumption (max):
I
S = 10 µA/comp
n Wide range of supply voltages:
2.7V to 15V
n Rail-to-rail input common mode voltage range
n Rail-to-rail output swing (Within 100 mV of the supplies,
@ V+ = 2.7V, and I
LOAD = 2.5 mA)
n Short circuit protection:
40 mA
n Propagation delay
(@ V
+ = 5V, 100 mV
overdrive):
4 µs
Applications
n Laptop computers
n Mobile phones
n Metering systems
n Hand-held electronics
n RC timers
n Alarm and monitoring circuits
n Window comparators, multivibrators
Connection Diagram
Ordering Information
Package
Temperature Range
NSC Drawing
Transport
−40˚C to +85˚C
Media
8-Pin Molded DIP
LMC6762AIN, LMC6762BIN
N08E
Rails
8-Pin Small Outline
LMC6762AIM, LMC6762BIM
M08A
Rails
LMC6762AIMX, LMC6762BIMX
M08A
Tape and Reel
8-Pin DIP/SO
DS012320-1
Top View
July 1997
© 1999 National Semiconductor Corporation
DS012320
www.national.com


Similar Part No. - LMC6762

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6762 TI1-LMC6762 Datasheet
1Mb / 22P
Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
LMC6762 TI2-LMC6762 Datasheet
787Kb / 23P
LMC6762 Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
REVISED MARCH 2013
LMC6762AIM TI1-LMC6762AIM Datasheet
1Mb / 22P
Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
LMC6762AIM TI2-LMC6762AIM Datasheet
787Kb / 23P
LMC6762 Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
REVISED MARCH 2013
LMC6762AIM/NOPB TI1-LMC6762AIM/NOPB Datasheet
1Mb / 22P
Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
More results

Similar Description - LMC6762

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6772 NSC-LMC6772 Datasheet
288Kb / 11P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
Texas Instruments
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC6772AIMMX_NOPB TI1-LMC6772AIMMX_NOPB Datasheet
1Mb / 25P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC7211AIM5X TI-LMC7211AIM5X Datasheet
1Mb / 22P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC6772 TI1-LMC6772 Datasheet
1Mb / 27P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6762 TI1-LMC6762_14 Datasheet
1Mb / 22P
Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
LMC7211-N TI1-LMC7211-N_14 Datasheet
1Mb / 23P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC6772 TI-LMC6772_15 Datasheet
1Mb / 25P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC7211-N TI1-LMC7211-N Datasheet
1Mb / 22P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com