Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC7111 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC7111
Description  Tiny CMOS Operational Amplifier with Rail-to-Rail Input
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7111 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMC7111 Datasheet HTML 1Page - National Semiconductor (TI) LMC7111 Datasheet HTML 2Page - National Semiconductor (TI) LMC7111 Datasheet HTML 3Page - National Semiconductor (TI) LMC7111 Datasheet HTML 4Page - National Semiconductor (TI) LMC7111 Datasheet HTML 5Page - National Semiconductor (TI) LMC7111 Datasheet HTML 6Page - National Semiconductor (TI) LMC7111 Datasheet HTML 7Page - National Semiconductor (TI) LMC7111 Datasheet HTML 8Page - National Semiconductor (TI) LMC7111 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
2.7V DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.7V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1MΩ. Bold-
face limits apply at the temperature extremes.
Typ
LMC7111AI
LMC7111BI
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Units
(Note 6)
(Note 6)
A
VOL
Voltage Gain
Sourcing
400
V/mv
min
Sinking
150
V/mv
min
I
S
Supply Current
V
+ = +2.7V,
20
45
50
µA
V
O = V
+/2
60
65
max
2.7V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.7V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1MΩ. Bold-
face limits apply at the temperature extremes.
Typ
LMC7111AI
LMC7111BI
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Units
(Note 6)
(Note 6)
SR
Slew Rate
(Note 8)
0.015
V/µs
GBW
Gain-Bandwidth Product
40
kHz
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5 k
Ω in series with 100 pF.
Note 3: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature at 150˚C.
Note 4: The maximum power dissipation is a function of TJ(max), θJA and TA. The maximum allowable power dissipation at any ambient temperature is PD = (TJ(max)
−TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 5: Typical Values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: V+ = 2.7V, VCM = 1.35V and RL connected to 1.35V. For Sourcing tests, 1.35V ≤ VO ≤ 2.7V. For Sinking tests, 0.5V ≤ VO ≤ 1.35V.
Note 8: Connected as Voltage Follower with 1.0V step input. Number specified is the slower of the positive and negative slew rates. Input referred, V+ = 2.7V and
RL = 100 kΩ connected to 1.35V. Amp excited with 1 kHz to produce VO = 1VPP.
Note 9: Bias Current guaranteed by design and processing.
3V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 3V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1MΩ. Bold-
face limits apply at the temperature extremes.
Typ
LMC7111AI
LMC7111BI
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Units
(Note 6)
(Note 6)
V
CM
Input Common-Mode
V
+ = 3V
−0.25
0.0
0.0
V
Voltage Range
For CMRR
≥ 50 dB
min
3.2
3.0
3.0
V
2.8
2.8
max
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com