Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC7111 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC7111
Description  Tiny CMOS Operational Amplifier with Rail-to-Rail Input
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7111 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMC7111 Datasheet HTML 1Page - National Semiconductor (TI) LMC7111 Datasheet HTML 2Page - National Semiconductor (TI) LMC7111 Datasheet HTML 3Page - National Semiconductor (TI) LMC7111 Datasheet HTML 4Page - National Semiconductor (TI) LMC7111 Datasheet HTML 5Page - National Semiconductor (TI) LMC7111 Datasheet HTML 6Page - National Semiconductor (TI) LMC7111 Datasheet HTML 7Page - National Semiconductor (TI) LMC7111 Datasheet HTML 8Page - National Semiconductor (TI) LMC7111 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1MΩ. Bold-
face limits apply at the temperature extremes.
Typ
LMC7111AI
LMC7111BI
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Units
(Note 6)
(Note 6)
SR
Slew Rate
Positive Going Slew Rate
0.027
0.015
0.010
V/µs
(Note 8)
GBW
Gain-Bandwidth Product
50
kHz
Note 10: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 11: Human body model, 1.5 k
Ω in series with 100 pF.
Note 12: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature at 150˚C.
Note 13: The maximum power dissipation is a function of TJ(max), θJA and TA. The maximum allowable power dissipation at any ambient temperature is PD = (TJ(max)
−TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 14: Typical Values represent the most likely parametric norm.
Note 15: All limits are guaranteed by testing or statistical analysis.
Note 16: V+ = 5V, VCM = 2.5V and RL connected to 2.5V. For Sourcing tests, 2.5V ≤ VO ≤ 5.0V. For Sinking tests, 0.5V ≤ VO ≤ 2.5V.
Note 17: Connected as Voltage Follower with 1.0V step input. Number specified is the slower of the positive slew rate. The negative slew rate is faster. Input referred,
V+ = 5V and RL = 100 kΩ connected to 1.5V. Amp excited with 1 kHz to produce VO = 1VPP.
Note 18: Bias Current guaranteed by design and processing.
10V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 10V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1MΩ. Bold-
face limits apply at the temperature extremes.
Typ
LMC7111AI
LMC7111BI
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Units
(Note 6)
(Note 6)
V
OS
Input Offset Voltage
V
+ = 10V
0.9
3
7
mV
59
max
TCV
OS
Input Offset Voltage
2.0
µV/˚C
Average Drift
I
B
Input Bias Current
0.1
1
1
pA
20
20
max
I
OS
Input Offset Current
0.01
0.5
0.5
pA
10
10
max
R
IN
Input Resistance
>10
Tera
Ω
+PSRR
Positive Power Supply
5V
≤ V+ ≤10V,
80
dB
Rejection Ratio
V
− = 0V, V
O = 2.5V
min
−PSRR
Negative Power Supply
−5V
≤ V− ≤−10V,
80
dB
Rejection Ratio
V
− = 0V, V
O = 2.5V
min
V
CM
Input Common-Mode
V
+ = 10V
−0.2
−0.15
−0.15
V
Voltage Range
For CMRR
≥ 50 dB
0.00
0.00
min
10.2
10.15
10.15
V
10.00
10.00
max
C
IN
Common-Mode Input
3
pF
Capacitance
I
SC
Output Short Circuit
Sourcing, V
O = 0V
30
20
20
mA
Current (Note 9)
77
min
Sinking, V
O = 10V
30
20
20
mA
77
min
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com