Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC7111 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC7111
Description  Tiny CMOS Operational Amplifier with Rail-to-Rail Input
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7111 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMC7111 Datasheet HTML 7Page - National Semiconductor (TI) LMC7111 Datasheet HTML 8Page - National Semiconductor (TI) LMC7111 Datasheet HTML 9Page - National Semiconductor (TI) LMC7111 Datasheet HTML 10Page - National Semiconductor (TI) LMC7111 Datasheet HTML 11Page - National Semiconductor (TI) LMC7111 Datasheet HTML 12Page - National Semiconductor (TI) LMC7111 Datasheet HTML 13Page - National Semiconductor (TI) LMC7111 Datasheet HTML 14Page - National Semiconductor (TI) LMC7111 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
10V PERFORMANCE (Continued)
Application Information
1.0 Benefits of the LMC7111
Tiny Amp
Size. The small footprint of the SOT 23-5 packaged Tiny
amp, (0.120 x 0.118 inches, 3.05 x 3.00 mm) saves space on
printed circuit boards, and enable the design of smaller elec-
tronic products. Because they are easier to carry, many cus-
tomers prefer smaller and lighter products.
Height. The height (0.056 inches, 1.43 mm) of the Tiny amp
makes it possible to use it in PCMCIA type III cards.
Signal Integrity. Signals can pick up noise between the sig-
nal source and the amplifier. By using a physically smaller
amplifier package, the Tiny amp can be placed closer to the
signal source, reducing noise pickup and increasing signal
integrity. The Tiny amp can also be placed next to the signal
destination, such as a buffer for the reference of an analog to
digital converter.
Simplified Board Layout. The Tiny amp can simplify board
layout in several ways. First, by placing an amp where amps
are needed, instead of routing signals to a dual or quad de-
vice, long pc traces may be avoided.
By using multiple Tiny amps instead of duals or quads, com-
plex signal routing and possibly crosstalk can be reduced.
DIPs available for prototyping. LMC7111 amplifiers pack-
aged in conventional 8-pin dip packages can be used for
prototyping and evaluation without the need to use surface
mounting in early project stages.
Sourcing Output vs
Output Voltage
DS012352-56
Sinking Output vs
Output Voltage
DS012352-57
Gain and Phase vs
Capacitive Load @ 10V
DS012352-58
Gain and Phase vs
Capacitive Load @ 10V
DS012352-59
Gain and Phase vs
Capacitive Load @ 10V
DS012352-60
Non-Inverting Small Signal
Pulse Response at 10V
DS012352-61
Non-Inverting Large Signal
Pulse Response at 10V
DS012352-62
Inverting Small Signal
Pulse Response at 10V
DS012352-63
Inverting Large Signal
Pulse Response at 10V
DS012352-64
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com