Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP468AIYFFR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TMP468AIYFFR
Description  9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP468AIYFFR Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMP468AIYFFR Datasheet HTML 29Page - Texas Instruments TMP468AIYFFR Datasheet HTML 30Page - Texas Instruments TMP468AIYFFR Datasheet HTML 31Page - Texas Instruments TMP468AIYFFR Datasheet HTML 32Page - Texas Instruments TMP468AIYFFR Datasheet HTML 33Page - Texas Instruments TMP468AIYFFR Datasheet HTML 34Page - Texas Instruments TMP468AIYFFR Datasheet HTML 35Page - Texas Instruments TMP468AIYFFR Datasheet HTML 36Page - Texas Instruments TMP468AIYFFR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
0
10
20
30
40
50
60
70
80
90
100
110
±2
0
2
4
6
8
10
12
14
16
18
20
Time (sec)
C007
33
TMP468
www.ti.com
SBOS762 – NOVEMBER 2016
Product Folder Links: TMP468
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Application (continued)
(7)
The temperature measurement accuracy of the TMP468 depends on the remote and local temperature sensor
being at the same temperature as the system point being monitored. If the temperature sensor is not in good
thermal contact with the part of the system being monitored, then there is a delay between the sensor response
and the system changing temperature. This delay is usually not a concern for remote temperature-sensing
applications that use a substrate transistor (or a small, SOT-23 transistor) placed close to the device being
monitored.
9.2.3 Application Curve
Figure 25 shows the typical step response to submerging a TMP468 in an oil bath with a temperature of 100°C
and logging the local temperature readings.
Figure 25. Temperature Step Response of Local Sensor
10 Power Supply Recommendations
The TMP468 operates with a power-supply range of 1.7 V to 3.6 V. The device is optimized for operation at a
1.8-V supply but can measure temperature accurately in the full supply range.
TI recommends a power-supply bypass capacitor. Place this capacitor as close as possible to the supply and
ground pins of the device. A typical value for this supply bypass capacitor is 0.1 μF. Applications with noisy or
high-impedance power supplies may require additional decoupling capacitors to reject power-supply noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com