Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP468AIYFFR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP468AIYFFR
Description  9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP468AIYFFR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP468AIYFFR Datasheet HTML 3Page - Texas Instruments TMP468AIYFFR Datasheet HTML 4Page - Texas Instruments TMP468AIYFFR Datasheet HTML 5Page - Texas Instruments TMP468AIYFFR Datasheet HTML 6Page - Texas Instruments TMP468AIYFFR Datasheet HTML 7Page - Texas Instruments TMP468AIYFFR Datasheet HTML 8Page - Texas Instruments TMP468AIYFFR Datasheet HTML 9Page - Texas Instruments TMP468AIYFFR Datasheet HTML 10Page - Texas Instruments TMP468AIYFFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
±2.0
±1.5
±1.0
±0.5
0.0
0.5
1.0
1.5
2.0
±50
±25
0
25
50
75
100
125
TMP468 Junction Temperature (
ƒC)
C021
MAX Limit
MIN Limit
Average+31
Average-31
Typical Units
±1.0
±0.8
±0.6
±0.4
±0.2
0.0
0.2
0.4
0.6
0.8
1.0
±50
±25
0
25
50
75
100
125
TMP468 Junction Temperature (
ƒC)
C024
MAX Limit
MIN Limit
Average+31
Average-31
Typical Units
±2.0
±1.5
±1.0
±0.5
0.0
0.5
1.0
1.5
2.0
±50
±25
0
25
50
75
100
125
TMP468 Junction Temperature (
ƒC)
C022
MAX Limit
MIN Limit
Average+31
Average-31
Typical Units
±2.0
±1.5
±1.0
±0.5
0.0
0.5
1.0
1.5
2.0
±50
±25
0
25
50
75
100
125
TMP468 Junction Temperature (
ƒC)
C023
MAX Limit
MIN Limit
Average+31
Average-31
Typical Units
±1.50
±1.0
±0.50
0.0
0.50
1.0
1.50
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
C010
MAX Limit
MIN Limit
V+=1.8V
Average+31
Average-31
Typical Units
±1.50
±1.0
±0.50
0.0
0.50
1.0
1.50
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
C011
MAX Limit
MIN Limit
V+=3.3V
Average+31
Average-31
Typical Units
7
TMP468
www.ti.com
SBOS762 – NOVEMBER 2016
Product Folder Links: TMP468
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.7 Typical Characteristics
At TA = 25°C and V+ = 3.6 V, unless otherwise noted.
Typical behavior of 95 devices over temperature at V+ = 1.8 V
Figure 2. Local Temperature Error vs
Ambient Temperature
Typical behavior of 95 devices over temperature at V+ = 3.3 V
Figure 3. Local Temperature Error vs
Ambient Temperature
Typical behavior of 30 devices over temperature at V+ = 1.8 V
with the remote diode junction at –40°C.
Figure 4. Remote Temperature Error vs
Device Junction Temperature
Typical behavior of 30 devices over temperature at V+ = 1.8 V
with the remote diode junction at 25°C.
Figure 5. Remote Temperature Error vs
Device Junction Temperature
Typical behavior of 30 devices over temperature at V+ = 1.8 V
with the remote diode junction at 150°C.
Figure 6. Remote Temperature Error vs
Device Junction Temperature
Typical behavior of 30 devices over temperature
Figure 7. Remote Temperature Error Power Supply
Sensitivity vs Device Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com