Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP468AIYFFR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP468AIYFFR
Description  9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP468AIYFFR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP468AIYFFR Datasheet HTML 9Page - Texas Instruments TMP468AIYFFR Datasheet HTML 10Page - Texas Instruments TMP468AIYFFR Datasheet HTML 11Page - Texas Instruments TMP468AIYFFR Datasheet HTML 12Page - Texas Instruments TMP468AIYFFR Datasheet HTML 13Page - Texas Instruments TMP468AIYFFR Datasheet HTML 14Page - Texas Instruments TMP468AIYFFR Datasheet HTML 15Page - Texas Instruments TMP468AIYFFR Datasheet HTML 16Page - Texas Instruments TMP468AIYFFR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
1
9
1
9
Ack
by
Device
Start by
Master
SCL
SDA
R/W
0
1
A0
1
0
A1
Ack
by
Device
Frame 1
Serial Bus Address
Byte from Master
Frame 2
Pointer Byte
from Master
P7 P6 P5 P4 P3 P2 P1 P0
0
Stop
by
Master
13
TMP468
www.ti.com
SBOS762 – NOVEMBER 2016
Product Folder Links: TMP468
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.5 Programming
8.5.1 Serial Interface
The TMP468 operate only as a slave device on the two-wire bus (I2C/SMBus). Connections to either bus are
made using the open-drain I/O lines, SDA and SCL. The SDA and SCL pins feature integrated spike suppression
filters and Schmitt triggers to minimize the effects of input spikes and bus noise. The TMP468 supports the
transmission protocol for fast (1 kHz to 400 kHz) and high-speed (1 kHz to 2.56 MHz) modes. All data bytes are
transmitted MSB first.
While the TMP468 is unpowered bus traffic on SDA and SCL may continue without any adverse effects to the
communication or to the TMP468. As the TMP468 is powering up, it will not load the bus, thus bus traffic may
continue undisturbed.
8.5.1.1 Bus Overview
The TMP468 device is compatible with the I2C or SMBus interface. In I2C or SMBus protocol, the device that
initiates the transfer is called a master, and the devices controlled by the master are slaves. The bus must be
controlled by a master device that generates the serial clock (SCL), controls the bus access, and generates the
start and stop conditions.
To address a specific device, a start condition is initiated. A start condition is indicated by pulling the data line
(SDA) from a high-to-low logic level when SCL is high. All slaves on the bus shift in the slave address byte, with
the last bit indicating whether a read or write operation is intended. During the ninth clock pulse, the slave being
addressed responds to the master by generating an acknowledge (Ack) bit and pulling SDA low.
Data transfer is then initiated and sent over eight clock pulses followed by an acknowledge bit (Ack). During data
transfer, SDA must remain stable when SCL is high. A change in SDA when SCL is high is interpreted as a
control signal. The TMP468 has a word register structure (16-bits wide) thus data writes must always include 2
bytes. Data transfer occurs during the Ack at the end of the second byte.
After all data are transferred, the master generates a stop condition. A stop condition is indicated by pulling SDA
from low to high when SCL is high.
8.5.1.2 Bus Definitions
The TMP468 device is two-wire- and I2C- or SMBus-compatible. Figure 17 through Figure 20 illustrate the timing
for various operations on the TMP468. The bus definitions are as follows:
Bus Idle:
Both SDA and SCL lines remain high.
Start Data Transfer: A change in the state of the SDA line (from high to low) when the SCL line is high defines
a start condition. Each data transfer initiates with a start condition.
Stop Data Transfer: A change in the state of the SDA line (from low to high) when the SCL line is high defines
a stop condition. Each data transfer terminates with a repeated start or stop condition.
Data Transfer: The number of data bytes transferred between a start and stop condition is not limited and is
determined by the master device. The receiver acknowledges the data transfer.
Acknowledge: Each receiving device, when addressed, is obliged to generate an acknowledge bit. A device
that acknowledges must pull down the SDA line during the acknowledge clock pulse in such a way
that the SDA line is stable low during the high period of the acknowledge clock pulse. Take setup
and hold times into account. On a master receive, data transfer termination can be signaled by the
master generating a not-acknowledge on the last byte that is transmitted by the slave.
Figure 16. Two-Wire Timing Diagram for Write Pointer Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com