Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC37C93XAPM Datasheet(PDF) 20 Page - SMSC Corporation

Part # FDC37C93XAPM
Description  Plug and Play Compatible Ultra I/O??Controller with Soft Power Management
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C93XAPM Datasheet(HTML) 20 Page - SMSC Corporation

Back Button FDC37C93XAPM Datasheet HTML 16Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 17Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 18Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 19Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 20Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 21Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 22Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 23Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 280 page
background image
20
PS/2 Model 30 Mode
BIT 0 nDRIVE SELECT 2
Active low status of the DS2 disk interface
output.
BIT 1 nDRIVE SELECT 3
Active low status of the DS3 disk interface
output.
BIT 2 WRITE GATE
Active high status of the latched WGATE output
signal.
This bit is latched by the active going
edge of WGATE and is cleared by the read of
the DIR register.
BIT 3 READ DATA
Active high status of the latched RDATA output
signal. This bit is latched by the inactive going
edge of RDATA and is cleared by the read of the
DIR register.
BIT 4 WRITE DATA
Active high status of the latched WDATA output
signal. This bit is latched by the inactive going
edge of WDATA and is cleared by the read of
the DIR register.
This bit is not gated with
WGATE.
BIT 5 nDRIVE SELECT 0
Active low status of the DS0 disk interface
output.
BIT 6 nDRIVE SELECT 1
Active low status of the DS1 disk interface
output.
BIT 7 nDRV2
Active low status of the DRV2 disk interface
input.
7
6
5
4
3
2
1
0
nDRV2
nDS1
nDS0
WDATA
F/F
RDATA
F/F
WGATE
F/F
nDS3
nDS2
RESET
COND.
N/A
1
1
0
0
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com