Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC37C93XAPM Datasheet(PDF) 3 Page - SMSC Corporation

Part # FDC37C93XAPM
Description  Plug and Play Compatible Ultra I/O??Controller with Soft Power Management
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C93XAPM Datasheet(HTML) 3 Page - SMSC Corporation

  FDC37C93XAPM Datasheet HTML 1Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 2Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 3Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 4Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 5Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 6Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 7Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 8Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 280 page
background image
3
-
13 IRQ Options
-
Two High Speed NS16C550 Compatible
UARTs with Send/Receive 16 Byte
FIFOs
-
Programmable Baud Rate Generator
-
Modem Control Circuitry Including 230K
and 460K Baud
-
IrDA, HP-SIR, ASK-IR Support
•
IDE Interface
-
Relocatable to 480 Different Addresses
-
13 IRQ Options (IRQ Steering through
Chip)
-
Two Channel/Four Drive Support
-
On-Chip Decode and Select Logic
Compatible with IBM PC/XT® and
PC/AT® Embedded Hard Disk Drives
•
Serial EEPROM Interface
•
Multi-Mode
™ Parallel Port with ChiProtect™
-
Relocatable to 480 Different Addresses
-
13 IRQ Options
-
Four DMA Options
-
Standard Mode
-
IBM PC/XT, PC/AT, and PS/2
™
Compatible Bidirectional ParallelPort
-
Enhanced Mode
-
Enhanced Parallel Port (EPP)
Compatible - EPP 1.7 and EPP 1.9
(IEEE 1284 Compliant)
-
High Speed Mode
-
Microsoft and Hewlett Packard
Extended Capabilities Port (ECP)
Compatible (IEEE 1284 Compliant)
-
Incorporates ChiProtect
™ Circuitry for
Protection Against Damage Due to
Printer Power-On
-
12 mA Output Drivers
•
ISA Host Interface
•
16 Bit Address Qualification
•
160 Pin QFP Package
*Note:
The “X” in the Ultra I/O part number is a designator that changes
depending upon the particular BIOS used inside the specific chip.
“2” denotes AMI Keyboard BIOS/”5” denotes Phoenix Keyboard
BIOS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com