Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC37C93XAPM Datasheet(PDF) 1 Page - SMSC Corporation

Part # FDC37C93XAPM
Description  Plug and Play Compatible Ultra I/O??Controller with Soft Power Management
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C93XAPM Datasheet(HTML) 1 Page - SMSC Corporation

  FDC37C93XAPM Datasheet HTML 1Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 2Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 3Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 4Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 5Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 6Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 7Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 8Page - SMSC Corporation FDC37C93XAPM Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 280 page
background image
FDC37C93xAPM
ADVANCE INFORMATION
Plug and Play Compatible Ultra I/O™ Controller
with Soft Power Management
FEATURES
•
5 Volt Operation
•
ISA Plug-and-Play Standard (Version 1.0a)
Compatible Register Set
•
Soft Power Management, SMI Support
•
ACPI/Legacy Support
-
SCI/SMI Support
-
Power Management Timer
-
Power Button Override Event
-
Either Edge Triggered Interrupts
•
ACCESS.bus Support
•
8042 Keyboard Controller
-
2K Program ROM
-
256 Bytes Data RAM
-
Asynchronous Access to Two Data
Registers and One Status Register
-
Supports Interrupt and Polling Access
-
8 Bit Timer/Counter
-
Port 92 Support
-
Fast Gate A20 and Hardware Keyboard
Reset
•
Real Time Clock
-
MC146818 and DS1287 Compatible
-
256 Bytes of Battery Backed CMOS in
Two Banks of 128 Bytes
-
128 Bytes of CMOS RAM Lockable in
4x32 Byte Blocks
-
12 and 24 Hour Time Format
-
Binary and BCD Format
-
1
µA Standby Current (typ)
•
Intelligent Auto Power Management
•
2.88MB Super I/O Floppy Disk Controller
-
Relocatable to 480 Different Addresses
-
13 IRQ Options
-
Four DMA Options
-
Licensed CMOS 765B Floppy Disk
Controller
-
Advanced Digital Data Separator
-
Software and Register Compatible with
SMSC's Proprietary 82077AA
Compatible Core
-
Sophisticated Power Control Circuitry
(PCC) Including Multiple Powerdown
Modes for Reduced Power Consumption
-
Game Port Select Logic
-
Supports Two Floppy Drives Directly
-
24mA AT Bus Drivers
-
Low Power CMOS Design
•
Licensed CMOS 765B Floppy Disk
Controller Core
-
Supports Vertical Recording Format
-
16 Byte Data FIFO
-
100% IBM® Compatibility
-
Detects All Overrun and Underrun
Conditions
-
48mA Drivers and Schmitt Trigger Inputs
-
DMA Enable Logic
-
Data Rate and Drive Control Registers
•
Enhanced Digital Data Separator
-
Low Cost Implementation
-
No Filter Components Required
-
2 Mbps, 1 Mbps, 500 Kbps, 300 Kbps,
250 Kbps Data Rates
-
Programmable Precompensation Modes
•
Serial Ports
-
Relocatable to 480 Different Addresses


Similar Part No. - FDC37C93XAPM

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37C93X SMSC-FDC37C93X Datasheet
650Kb / 203P
Plug and Play Compatible Ultra I/O Controller
More results

Similar Description - FDC37C93XAPM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87307 NSC-PC87307 Datasheet
1Mb / 218P
PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PC87317VUL NSC-PC87317VUL Datasheet
2Mb / 272P
PC87317VUL/PC97317VUL SuperI/O Plug and Play Compatible with ACPI Compliant Controller/Extender
logo
SMSC Corporation
FDC37CXFR SMSC-FDC37CXFR Datasheet
922Kb / 258P
Plug and Play Compatible Ultra I/O Controller with Fast IR
FDC37N972 SMSC-FDC37N972 Datasheet
1Mb / 390P
Advanced Notebook I/O Controller with Enhanced Keyboard Control and System Management
logo
Texas Instruments
TL16PNP100A TI-TL16PNP100A Datasheet
281Kb / 20P
STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
logo
National Semiconductor ...
PC87308VUL NSC-PC87308VUL Datasheet
121Kb / 6P
SuperI/O Enhanced Sidewinder Plug and Play Compatible Chip
logo
List of Unclassifed Man...
82C931 ETC-82C931 Datasheet
634Kb / 64P
Plug and Play Integrated Audio Controller
M5123 ETC1-M5123 Datasheet
499Kb / 121P
Mega I/O Controller with Plug & Play
logo
SMSC Corporation
FDC37C93X SMSC-FDC37C93X Datasheet
650Kb / 203P
Plug and Play Compatible Ultra I/O Controller
logo
Texas Instruments
TL16PNP200 TI1-TL16PNP200 Datasheet
323Kb / 23P
STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com