Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV110 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV110
Description  Fixed-Gain Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV110 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMV110 Datasheet HTML 4Page - National Semiconductor (TI) LMV110 Datasheet HTML 5Page - National Semiconductor (TI) LMV110 Datasheet HTML 6Page - National Semiconductor (TI) LMV110 Datasheet HTML 7Page - National Semiconductor (TI) LMV110 Datasheet HTML 8Page - National Semiconductor (TI) LMV110 Datasheet HTML 9Page - National Semiconductor (TI) LMV110 Datasheet HTML 10Page - National Semiconductor (TI) LMV110 Datasheet HTML 11Page - National Semiconductor (TI) LMV110 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Typical Performance Characteristics (Unless otherwise specified, V
S = +5V, single supply, TA =
25˚C.) (Continued)
Application Notes
The LMV101/102/105/110 integrates a rail-to-rail op amp,
two internal gain-setting resistors and a V
+/2 bias circuit into
one ultra tiny package, SC70-5 or SOT23-5. With its small
footprint and reduced component count for gain stage, it en-
ables the design of smaller portable electronic products,
such as cellular phones, pagers, PDAs, PCMCIA cards, etc.
In addition, the integration solution minimizes printed circuit
board stray capacitance, and reduces the complexity of cir-
cuit design.
The core op amp of this family is National’s LMV321.
1.0 Supply Bypassing
The application circuits in this datasheet do not show the
power supply connections and the associated bypass ca-
pacitors for simplification. When the circuits are built, it is al-
ways required to have bypass capacitors. Ceramic disc ca-
pacitors (0.1µF) or solid tantalum (1µF) with short leads, and
located close to the IC are usually necessary to prevent in-
terstage coupling through the power supply internal imped-
ance. Inadequate bypassing will manifest itself by a low fre-
quency
oscillation
or
by
high
frequency
instabilities.
Sometimes, a 10µF (or larger) capacitor is used to absorb
low frequency variations and a smaller 0.1µF disc is paral-
leled across it to prevent any high frequency feedback
through the power supply lines.
2.0 Input Voltage Range
The input voltage should be within the supply rails. The ESD
protection circuitry at the input of the device includes a diode
between the input pin and the negative supply pin. Driving
the input more than 0.6V (at 25˚C) beyond the negative sup-
ply will turn on the diode and cause signal distortions. For
applications that require sensing voltages beyond the nega-
tive rail, use the LMV111 with external gain setting resistors.
Inverting Small Signal Pulse Response
LMV105
DS101234-40
Inverting Small Signal Pulse Response
LMV110
DS101234-42
Slew Rate vs.
Supply Voltage
DS101234-43
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com