Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV110 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV110
Description  Fixed-Gain Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV110 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMV110 Datasheet HTML 4Page - National Semiconductor (TI) LMV110 Datasheet HTML 5Page - National Semiconductor (TI) LMV110 Datasheet HTML 6Page - National Semiconductor (TI) LMV110 Datasheet HTML 7Page - National Semiconductor (TI) LMV110 Datasheet HTML 8Page - National Semiconductor (TI) LMV110 Datasheet HTML 9Page - National Semiconductor (TI) LMV110 Datasheet HTML 10Page - National Semiconductor (TI) LMV110 Datasheet HTML 11Page - National Semiconductor (TI) LMV110 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Application Notes (Continued)
To improve power supply ripple rejection of the above micro-
phone preamplifier, another capacitor and a pot can be con-
nected to pin 1 as shown in
Figure 6. The impedance of the
two capacitors at audio frequencies are low. The R
POT can
be adjusted so that the supply ripples injected through both
the inverting input and the non-inverting input cancel each
other at the output. If we ignore the impedance of the capaci-
tors, we can select the pot value based on the following
equation:
Z
OUT is the output impedance of the microphone, and G is
the gain of the preamplifier in absolute value.
6.0 Adjustable-Gain Amplifier
The LMV101/102/105/110 not only provides fixed gain of −1,
−2, −5, and −10, it can also be configured for different gains
by adding only one external resistor.
You can decrease the gain by putting a resistor in series with
pin1(
Figure 7). You can increase the gain by connecting a
resistor from pin 1 to pin 3 (
Figure 8).
If you are using the LMV110 as a microphone preamplifier
for an electret microphone (
Figure 5), and the output imped-
ance of the microphone is 1k
Ω, then the gain of the pream-
plifier is
If we choose a small value for R, then we could get a pream-
plifier with a gain close to 100 (40dB), which is 10 times the
gain provided by LMV110.
DS101234-15
FIGURE 5. Microphone Preamplifier with 20dB Gain
DS101234-17
FIGURE 6. Improved Ripple Rejection
DS101234-18
FIGURE 7. Decreased Gain
DS101234-19
FIGURE 8. Increased Gain
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com