Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV110 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV110
Description  Fixed-Gain Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV110 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMV110 Datasheet HTML 4Page - National Semiconductor (TI) LMV110 Datasheet HTML 5Page - National Semiconductor (TI) LMV110 Datasheet HTML 6Page - National Semiconductor (TI) LMV110 Datasheet HTML 7Page - National Semiconductor (TI) LMV110 Datasheet HTML 8Page - National Semiconductor (TI) LMV110 Datasheet HTML 9Page - National Semiconductor (TI) LMV110 Datasheet HTML 10Page - National Semiconductor (TI) LMV110 Datasheet HTML 11Page - National Semiconductor (TI) LMV110 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Application Notes (Continued)
3.0 Capacitive Load Tolerance
The LMV101/102/105/110 can directly drive 200pF capaci-
tive load with Vs = 5V at −1 gain configuration without oscil-
lation. Direct capacitive loading reduces the phase margin of
amplifiers. The combination of the amplifier’s output imped-
ance and the capacitive load induces phase lag. This results
in either an underdamped pulse or oscillation. To drive a
heavier capacitive load, a resistive isolation can be used as
shown in
Figure 1.
The isolation resistor R
iso and the CL form a pole to increase
stability by adding more phase margin to the overall system.
The desired performance depends on the value of R
iso. The
bigger the R
iso resistor value, the more stable VOUT will be.
Figure 2 is an output waveform of Figure 1 using 100
Ω for
R
iso and 1000pF for CL.
4.0 Phase Inverting AC Amplifier
A single supply phase inverting AC amplifier can be easily
built with the LMV101/102/105/110 series (
Figure 3). The
output voltage is biased at mid-supply, and AC input signal is
amplified by (R
2/R1). Capacitor CIN acts as an input AC cou-
pling capacitor to block DC potentials. A capacitor of 0.1µF or
larger can be used. The output can swing rail-to-rail. To avoid
output distortion, the peak-to-peak amplitude of the input AC
signal should be less than V
CC(R 1/R2).
It is recommended that a small-valued capacitor be used
across the feedback resistor (R
2) to eliminate stability prob-
lems, prevent peaking of the response, and limit the band-
width of the circuit. This can also help to reduce high fre-
quency noise and some other interference. (See
Figure 4)
5.0 Microphone preamplifier
Most microphones have a low output voltage level. This out-
put signal needs to be amplified so that it can feed the next
stage with optimal level.
Figure 5 shows a microphone
preamplifier circuit with the LMV110. This microphone
preamplifier can provide 20dB gain. It can be implemented in
PCs, PDAs, and mobile phones.
Input capacitor C
IN serves two important functions. First, it
blocks any DC voltage from the previous stage to prevent
the output from shifting to some unwanted DC level. This
could cause the output to saturate when audio signal is ap-
plied at the input. Second, the C
IN and the 10k input resistor
form a low pass filter to block any low frequency noise. The
cut-off frequency of this low pass filter is given by,
where R
1 = 10kΩ in LMV110. Output capacitor COUT is used
to block the DC output from the next stage. R
bias is selected
according to the microphone requirement.
DS101234-13
FIGURE 1. Resistive Isolation of a Heavy Capacitive
Load
DS101234-12
FIGURE 2. Pulse Response of LMV101 in
Figure 1
DS101234-10
FIGURE 3. Phase Inverting AC Amplifier
DS101234-11
FIGURE 4.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com