Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC860EC Datasheet(PDF) 34 Page - Motorola, Inc

Part # MPC860EC
Description  Hardware Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC860EC Datasheet(HTML) 34 Page - Motorola, Inc

Back Button MPC860EC Datasheet HTML 30Page - Motorola, Inc MPC860EC Datasheet HTML 31Page - Motorola, Inc MPC860EC Datasheet HTML 32Page - Motorola, Inc MPC860EC Datasheet HTML 33Page - Motorola, Inc MPC860EC Datasheet HTML 34Page - Motorola, Inc MPC860EC Datasheet HTML 35Page - Motorola, Inc MPC860EC Datasheet HTML 36Page - Motorola, Inc MPC860EC Datasheet HTML 37Page - Motorola, Inc MPC860EC Datasheet HTML 38Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
34
MPC860 Family Hardware Specifications
MOTOROLA
Bus Signal Timing
Figure 9-23. Interrupt Detection Timing for External Edge Sensitive Lines
Table 9-8 shows the PCMCIA timing for the MPC860.
Table 9-8. PCMCIA Timing
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
P44
A(0:31), REG valid to PCMCIA
Strobe asserted 1
20.73
—
16.75
—
13.00
—
9.36
—
ns
P45
A(0:31), REG valid to ALE negation 1 28.30
—
23.00
—
18.00
—
13.15
—
ns
P46
CLKOUT to REG valid
7.58
15.58
6.25
14.25
5.00
13.00
3.79
11.84
ns
P47
CLKOUT to REG invalid
8.58
—
7.25
—
6.00
—
4.84
—
ns
P48
CLKOUT to CE1, CE2 asserted
7.58
15.58
6.25
14.25
5.00
13.00
3.79
11.84
ns
P49
CLKOUT to CE1, CE2 negated
7.58
15.58
6.25
14.25
5.00
13.00
3.79
11.84
ns
P50
CLKOUT to PCOE, IORD, PCWE,
IOWR assert time
—
11.00
11.00
—
11.00
—
11.00
ns
P51
CLKOUT to PCOE, IORD, PCWE,
IOWR negate time
2.00
11.00
2.00
11.00
2.00
11.00
2.00
11.00
ns
P52
CLKOUT to ALE assert time
7.58
15.58
6.25
14.25
5.00
13.00
3.79
10.04
ns
P53
CLKOUT to ALE negate time
—
15.58
14.25
—
13.00
—
11.84
ns
P54
PCWE, IOWR negated to D(0:31)
invalid 1
5.58
—
4.25
—
3.00
—
1.79
—
ns
P55
WAITA and WAITB valid to CLKOUT
rising edge 1
8.00
—
8.00
—
8.00
—
8.00
—
ns
P56
CLKOUT rising edge to WAITA and
WAITB invalid 1
2.00
—
2.00
—
2.00
—
2.00
—
ns
CLKOUT
IRQx
I41
I42
I43
I43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com