Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY02-PLL2 Datasheet(PDF) 4 Page - Raltron Electronics Corporation

Part # SY02-PLL2
Description  CLOCK/SYNCHRONIZER - SY02-PLL2
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

SY02-PLL2 Datasheet(HTML) 4 Page - Raltron Electronics Corporation

  SY02-PLL2 Datasheet HTML 1Page - Raltron Electronics Corporation SY02-PLL2 Datasheet HTML 2Page - Raltron Electronics Corporation SY02-PLL2 Datasheet HTML 3Page - Raltron Electronics Corporation SY02-PLL2 Datasheet HTML 4Page - Raltron Electronics Corporation SY02-PLL2 Datasheet HTML 5Page - Raltron Electronics Corporation SY02-PLL2 Datasheet HTML 6Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SYNCHRONOUS EQUIPMENT
CLOCK/SYNCHRONIZER - SY02-PLL2
RALTRON ELECTRONICS CORP.
!!!! 10651 N.W.19
th St !!!! Florida 33172 !!!! U.S.A.
Tel: 305 593-6033
!!!! Fax: 305-594-3973 !!!! e-mail: sales@raltron.com !!!! Internet: http://www.raltron.com
• ORDERING INFORMATION
SY02-PLL2– IP < Input Frequency> - OU<Output Freq.>-S<Supply Voltage>-T<Temp. Range>-C<Cover Opt.>
See above Chart
(If not listed Place NL and state the Freq.)
See above Chart
(If not listed Place NA and state the Freq.)
Supply Voltage
4 - 3.3V
Operating Temperature Range
C - 0°C to 70°C
I -40°C to +85°C
Cover Option
M – Metal Cover
N - Non Covered unit
- INPUT/OUTPUT FREQUENCIES AVAILABLE:
Frequency
Suffix
Frequency
Suffix
8KHz
F8
20.000MHz
M1
1.024MHz
E0
20.4800MHz
A4
1.544MHz
T1
26.0000MHz
G2
2.048MHz
E1
27.0000MHz
A6
4.096MHz
E2
32.768MHz
E4
6.1760MHz
T2
34.560MHz
A8
6.480MHz
D1
37.0560MHz
A9
8.192MHz
E3
38.880MHz
O2
10.000MHz
A1
44.7360MHz
T3
12.800MHz
S1
51.8400MHz
D1
13.000MHz
G1
61.4400MHz
U1
15.000MHz
A2
62.5000MHz
G1
16.384MHz
E4
65.5360MHz
B2
19.440MHz
O1
77.7600MHz
O3
-
For other frequencies contact the factory!
-
Add to P/N “EXT” for extended operating temperature (-40° to 85°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com