Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY02-PLL2 Datasheet(PDF) 3 Page - Raltron Electronics Corporation

Part # SY02-PLL2
Description  CLOCK/SYNCHRONIZER - SY02-PLL2
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

SY02-PLL2 Datasheet(HTML) 3 Page - Raltron Electronics Corporation

  SY02-PLL2 Datasheet HTML 1Page - Raltron Electronics Corporation SY02-PLL2 Datasheet HTML 2Page - Raltron Electronics Corporation SY02-PLL2 Datasheet HTML 3Page - Raltron Electronics Corporation SY02-PLL2 Datasheet HTML 4Page - Raltron Electronics Corporation SY02-PLL2 Datasheet HTML 5Page - Raltron Electronics Corporation SY02-PLL2 Datasheet HTML 6Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SYNCHRONOUS EQUIPMENT
CLOCK/SYNCHRONIZER - SY02-PLL2
RALTRON ELECTRONICS CORP.
!!!! 10651 N.W.19
th St !!!! Florida 33172 !!!! U.S.A.
Tel: 305 593-6033
!!!! Fax: 305-594-3973 !!!! e-mail: sales@raltron.com !!!! Internet: http://www.raltron.com
• PIN DESCRIPTION
Pin #
Name
Description
1
REF OUT
Reference Output -> The recovered signal from reference.
2
TCK
J-TAG port for factory usage – TCK
3
TMS
J-TAG port for factory usage – TMS
4
GND
Ground
5
FREE-RUN
Free-Run -> Control input to force unit to run as free running oscillator
6
ALARM
Alarm output -> Output signal presents if LOL or LOR
7
REF B IN
Reference B Input -> Reference input signal
8
REF A IN
Reference A Input -> Reference input signal
9
OUT
Oscillator Output -> Output of the module
10
FRS
Free Run Status Output -> Status of free run mode.
11
Vcc
Positive supply voltage
12
TDO
J-TAG port for factory usage – TDO
13
OUT EN
Output Enable -> Control input to enable/disable the module output
14
CNT
Control Input -> Select one of the reference input



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com