Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY02-PLL2 Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # SY02-PLL2
Description  CLOCK/SYNCHRONIZER - SY02-PLL2
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

SY02-PLL2 Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  SY02-PLL2 Datasheet HTML 1Page - Raltron Electronics Corporation SY02-PLL2 Datasheet HTML 2Page - Raltron Electronics Corporation SY02-PLL2 Datasheet HTML 3Page - Raltron Electronics Corporation SY02-PLL2 Datasheet HTML 4Page - Raltron Electronics Corporation SY02-PLL2 Datasheet HTML 5Page - Raltron Electronics Corporation SY02-PLL2 Datasheet HTML 6Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SYNCHRONOUS EQUIPMENT
CLOCK/SYNCHRONIZER - SY02-PLL2
RALTRON ELECTRONICS CORP.
!!!! 10651 N.W.19
th St !!!! Florida 33172 !!!! U.S.A.
Tel: 305 593-6033
!!!! Fax: 305-594-3973 !!!! e-mail: sales@raltron.com !!!! Internet: http://www.raltron.com
SY02-PLL2
Date: December 12, 2003
• INTRODUCTION
The SY02-PLL2 is a crystal-based PLL synchronizer designed as a module level subsystem for easy incorporation
into telecommunication equipment.
• FEATURES
-
Low jitter output from intrinsically low jitter VCXO;
-
Two references inputs, user selects the frequencies;
-
Alarms and status;
-
Buffered reference output;
-
Tri-state (high impedance) reference and oscillators outputs;
-
Provides free running clock output of
±20ppm;
-
The unit changes timing modes in response to external events;
-
J-TAG service port for re-programming and servicing;
• APPLICATIONS
-
Line Cards
-
ATM
-
SDH
-
PDH
-
SONET
-
Other telecommunication equipment.


Similar Part No. - SY02-PLL2

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
SY02-PLL RALTRON-SY02-PLL Datasheet
262Kb / 5P
CLOCK/SYNCHRONIZER - SY02-PLL
More results

Similar Description - SY02-PLL2

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9170 ICST-AV9170 Datasheet
253Kb / 11P
Clock Synchronizer and Multiplier
Rev E 9/24/99
logo
Integrated Device Techn...
AV9170 IDT-AV9170 Datasheet
190Kb / 12P
Clock Synchronizer and Multiplier
9170B-01CS08LF IDT-9170B-01CS08LF Datasheet
302Kb / 12P
CLOCK SYNCHRONIZER AND MULTIPLIER
logo
Raltron Electronics Cor...
SY02-FEC RALTRON-SY02-FEC Datasheet
291Kb / 5P
HIGH FREQUENCY CLOCK REGENERATOR - SY02-FEC
SY02-HIPL RALTRON-SY02-HIPL Datasheet
312Kb / 5P
HIGH IN/OUTPUT FREQUENCY CLOCK/SYNCHRONIZER - SY02-HIPL
SY02-HLPL RALTRON-SY02-HLPL Datasheet
254Kb / 5P
HIGH FREQUENCY HITLESS SYNCHRONIZER - SY02-HLPL
SY02-HPLL RALTRON-SY02-HPLL Datasheet
339Kb / 6P
HIGH FREQUENCY CLOCK/SYNCHRONIZER - SY02-HPLL
SY02-MFTP RALTRON-SY02-MFTP Datasheet
289Kb / 5P
HIGH FREQUENCY CLOCK REGENERATOR - SY02-MFTP
SY02-PLL RALTRON-SY02-PLL Datasheet
262Kb / 5P
CLOCK/SYNCHRONIZER - SY02-PLL
logo
Renesas Technology Corp
IDT9170B RENESAS-IDT9170B Datasheet
484Kb / 13P
CLOCK SYNCHRONIZER AND MULTIPLIER
2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com