Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2355TM Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2355TM
Description  PLLatinum Fractional N RF/ Integer N IF Dual Low Power Frequency Synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2355TM Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMX2355TM Datasheet HTML 2Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 3Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 4Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 5Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 6Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 7Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 8Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 9Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Charge Pump Current Specification Definitions
20004823
I1 = CP sink current at VDo =Vp − ∆V
I2 = CP sink current at VDo = Vp/2
I3 = CP sink current at VDo = ∆V
I4 = CP source current at VDo =Vp − ∆V
I5 = CP source current at VDo = Vp/2
I6 = CP source current at VDo = ∆V
∆V = Voltage offset from positive and negative rails. Dependent on VCO tuning range relative to VCC and ground. Typical values are between 0.5V and 1.0V.
Note 4: IDo vs VDo = Charge Pump Output Current magnitude variation vs Voltage = [1⁄2 * {||1| − ||3|}]/[1⁄2 * {||1| + ||3|}] * 100% and [1⁄2 * {||4| − ||6|}]/[1⁄2 * {||4| +
||6|}] * 100%
Note 5: IDo-sink vs IDo-source = Charge Pump Output Current Sink vs Source Mismatch = [||2| − ||5|]/[1⁄2 * {||2| + ||5|}] * 100%
Note 6: IDo vs TA = Charge Pump Output Current magnitude variation vs Temperature = [||2 @ temp| − ||2 @ 25˚C|]/||2 @ 25˚C| * 100% and [||5 @ temp| − ||5 @
25˚C|]/||5 @ 25˚C| * 100%
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com