Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2355TM Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2355TM
Description  PLLatinum Fractional N RF/ Integer N IF Dual Low Power Frequency Synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2355TM Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LMX2355TM Datasheet HTML 15Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 16Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 17Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 18Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 19Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 20Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 21Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 22Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 23Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Programming Description (Continued)
5.3 QUADRATURE MODULUS PRESCALER
The LMX2354 contains a quadrature modulus prescaler, consisting of a prescaler, A counter, B counter and C counter. Once the
N value is known, the A, B, and C values can be calculated by:
C = N div P
B=(N–C
•P) div 4
A = N mod 4
For the divide ratio to be legal, it is also required:
C> =max {A, B} + 2
fvco = [N + F] x [fosc/R]
N=P
• C+4•B+ A
F:
Fractional ratio (contents of FRAC_CNTR divided by the fractional modulus)
f
vco: Output frequency of external voltage controlled oscillator (VCO)
C:
Preset value of the C counter
B:
Preset value of the B counter
A:
Preset value of the A counter
f
osc: Output frequency of the external reference frequency oscillator
R:
Preset divide ratio of binary 15-bit programmable reference counter (3 to 32,767)
P:
Preset modulus of quadrature modulus prescaler
8/9/12/13
550 MHz–1.2 GHz
16/17/20/21
1.2 GHz–2.5 GHz
5.4 SERIAL DATA INPUT TIMING
20004803
Note: Data shifted into register on clock rising edge. Data is shifted in MSB first.
TEST CONDITIONS: The Serial Data Input Timing is tested using a symmetrical waveform around VCC/2. The test waveform has an edge rate of 0.6 V/ns
with amplitudes of 2.2V @ VCC=2.7V and 2.6V @ VCC = 5.5V.
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com