Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2355TM Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2355TM
Description  PLLatinum Fractional N RF/ Integer N IF Dual Low Power Frequency Synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2355TM Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LMX2355TM Datasheet HTML 11Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 12Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 13Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 14Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 15Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 16Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 17Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 18Page - National Semiconductor (TI) LMX2355TM Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Programming Description (Continued)
4.2.1 (RF_R[22]–RF_R[23])
DLL_MODE
V2_EN
BIT
LOCATION
FUNCTION
0
1
DLL_MODE
RF_R [23]
Delay Line Loop
Calibration Mode
Slow
Fast
V2_EN
RF_R [22]
RF_Voltage Doubler
Enable
Disabled
Enabled
Note 1. V2_EN bit when set high enables the voltage doubler for the RF Charge Pump supply.
Note 2. DLL_MODE bit should be set to one for normal usage.
4.2.2 RF_CP_WORD
(RF_R[17]–RF_R[21])
CP_8X
CP_4X
CP_2X
CP_1X
RF_PD_POL
RF_PD_POL ( RF_R[17] ) should be set to one when RF VCO characteristics are positive. When RF VCO frequency decreases
with increasing control voltage RF_PD_POL should be set to zero.
CP_1X, CP_2X, CP_4X, and CP_8X are used to step the RF Charge Pump output current magnitude from 100 µA to 1.6 mA in
100 µA steps as shown in the table below.
RF Charge Pump Output Truth Table
ICPo µA (typ)
CP8X
RF_R[21]
CP4X
RF_R[20]
CP2X
RF_R[19]
CP1X
RF_R[18]
100
0
0
0
0
200
0
0
0
1
300
0
0
1
0
400
0
0
1
1
•
•••
•
900
1
0
0
0
•
•••
•
1600
1
1
1
1
5.0 Programmable Dividers (N Counters)
5.1 IF_N REGISTER
If the Control Bits (CTL [1:0]) are 0 1, data is transferred from the 24-bit shift register into the IF_N register latch which sets the
PLL’s 15-bit programmable N counter value and various control functions. The IF_N counter consists of the 3-bit swallow counter
(A counter), and the 12-bit programmable counter (B counter). Serial data format is shown below in tables 5.1.3 and 5.1.4. The
divide ratio (IF_NB_CNTR) must be
≥ 3. The divide ratio is programmed using the bits IF_N_CNTR as shown in tables 5.1.2 and
5.1.3. The minimum continuous divide ratio is 56. The CMOS [3:0] bits program the 2 CMOS outputs detailed in section 5.1.2, and
also contain the fractional test bit.
MSB
LSB
IF_CTL_WORD [2:0]
CMOS [3:0]
IF_NB_CNTR [11:0]
IF_NA_CNTR [2:0]
0
1
23
21 20
17 16
5 4
2 1
0
5.1.1 IF_CTL_WORD
(IF_N[21]–IF_N[23])
MSB
LSB
IF_CNT_RST
PWDN_IF
PWDN_MODE
Note: See section 5.2.1.2 for IF control word truth table.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com