Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX3161 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX3161
Description  Single Chip Radio Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX3161 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMX3161 Datasheet HTML 1Page - National Semiconductor (TI) LMX3161 Datasheet HTML 2Page - National Semiconductor (TI) LMX3161 Datasheet HTML 3Page - National Semiconductor (TI) LMX3161 Datasheet HTML 4Page - National Semiconductor (TI) LMX3161 Datasheet HTML 5Page - National Semiconductor (TI) LMX3161 Datasheet HTML 6Page - National Semiconductor (TI) LMX3161 Datasheet HTML 7Page - National Semiconductor (TI) LMX3161 Datasheet HTML 8Page - National Semiconductor (TI) LMX3161 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LMX3161 Pin Diagram (Continued)
Pin No.
Pin Name
I/O
Description
1V
CC
—
Power supply for CMOS section of PLL and ESD bussing.
2
MIXER
OUT
O
IF output from the mixer.
3V
CC
—
Power supply for mixer section.
4
GND
—
Ground.
5RF
IN
I
RF input to the mixer.
6
GND
—
Ground.
7Tx V
REG
—
Regulated power supply for external PA gain stage.
8V
CC
—
Power supply for analog sections of PLL and doubler.
9
GND
—
Ground.
10
Tx
OUT
O
Frequency doubler output.
11
GND
—
Ground.
12
V
CC
—
Power supply for analog sections of PLL and doubler.
13
GND
—
Ground.
14
GND
—
Ground.
15
f
IN
I
RF Input to PLL and frequency doubler.
16
CE
I
Chip Enable. Pulling LOW powers down entire chip. Taking CE HIGH powers up the
appropriate functional blocks depending on the state of bits F6, F7, F11, and F12
programmed in F-latch. It is necessary to initialize the internal registers once, after the
power up reset. The registers’ contents are kept even in power-down condition.
17
V
P
—
Power supply for charge pump.
18
D
o
O
Charge pump output. For connection to a loop filter for driving the input of an external VCO.
19
V
CC
—
Power supply for CMOS section of PLL and ESD bussing.
20
GND
—
Ground.
21
OUT 0
O
Programmable CMOS output. Refer to Function Register Programming Description section
for details.
22
Rx PD/OUT 1
I/O
Receiver power down control input or programmable CMOS output. Refer to Function
Register Programming Description section for details.
23
Tx PD/OUT 2
I/O
Transmitter power down control input or programmable CMOS output. Refer to Function
Register Programming Description section for details.
24
PLL PD
I
PLL power down control input. LOW for PLL normal operations, and HIGH for PLL power
saving.
25
CLOCK
I
MICROWIRE™ clock input. High impedance CMOS input with Schmitt Trigger.
26
DATA
I
MICROWIRE data input. High impedance CMOS input with Schmitt Trigger.
27
LE
I
MICROWIRE load enable input. High impedance CMOS input with Schmitt Trigger.
28
OSC
IN
I
Oscillator input. High impedance CMOS input with feedback.
29
S FIELD
I
DC compensation circuit enable. While LOW, the DC compensation circuit is enabled and
the threshold is updated through the DC compensation loop. While HIGH, the switch is
opened, and the comparator threshold is held by the external capacitor.
30
RSSI
OUT
O
Received signal strength indicator (RSSI) output.
31
THRESH
O
Threshold level to external comparator.
32
DC COMP
IN
I
Input to DC compensation circuit.
33
DISC
OUT
O
Demodulated output of discriminator.
34
GND
—
Ground.
35
V
CC
—
Power supply for the discriminator circuit.
36
QUAD
IN
I
Quadrature input for tank circuit.
37
V
CC
—
Power supply for limiter output stage.
38
GND
—
Ground.
39
V
CC
—
Power supply for limiter gain stages.
40
GND
—
Ground.
41
V
CC
—
Power supply for IF amplifier gain stages.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com