Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX3161 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX3161
Description  Single Chip Radio Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX3161 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMX3161 Datasheet HTML 1Page - National Semiconductor (TI) LMX3161 Datasheet HTML 2Page - National Semiconductor (TI) LMX3161 Datasheet HTML 3Page - National Semiconductor (TI) LMX3161 Datasheet HTML 4Page - National Semiconductor (TI) LMX3161 Datasheet HTML 5Page - National Semiconductor (TI) LMX3161 Datasheet HTML 6Page - National Semiconductor (TI) LMX3161 Datasheet HTML 7Page - National Semiconductor (TI) LMX3161 Datasheet HTML 8Page - National Semiconductor (TI) LMX3161 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LMX3161
Single Chip Radio Transceiver
General Description
The LMX3161 Single Chip Radio Transceiver is a monolithic,
integrated radio transceiver optimized for use in a Digital En-
hanced Cordless Telecommunications (DECT) system. It is
fabricated using National’s ABiC V BiCMOS process
(f
T = 18 GHz).
The LMX3161 contains phase locked loop (PLL), transmit
and receive functions. The 1.1 GHz PLL block is shared be-
tween transmit and receive section. The transmitter includes
a frequency doubler, and a high frequency buffer. The re-
ceiver consists of a 2.0 GHz low noise mixer, an intermediate
frequency (IF) amplifier, a high gain limiting amplifier, a fre-
quency discriminator, a received signal strength indicator
(RSSI), and an analog DC compensation loop. The PLL,
doubler, and buffers can be used to implement open loop
modulation along with an external VCO and loop filter. The
circuit features on-chip voltage regulation to allow supply
voltages ranging from 3.0V to 5.5V. Two additional voltage
regulators provide a stable supply source to external dis-
crete stages in the Tx and Rx chains.
The IF amplifier, high gain limiting amplifier, and discrimina-
tor are optimized for 110 MHz operation, with a total IF gain
of 85 dB. The single conversion receiver architecture pro-
vides a low cost, high performance solution for communica-
tions systems. The RSSI output may be used for channel
quality monitoring.
The Single Chip Radio Transceiver is available in a 48-pin
7mm X 7mm X 1.4mm PQFP surface mount plastic pack-
age.
Features
n Single chip solution for DECT RF transceiver
n RF sensitivity to −93 dBm; RSSI sensitivity to −100 dBm
n Two regulated voltage outputs for discrete amplifiers
n High gain (85 dB) intermediate frequency strip
n Allows unregulated 3.0V–5.5V supply voltage
n Power down mode for increased current savings
n System noise figure 6.5 dB (typ)
Applications
n Digital Enhanced Cordless Telecommunications (DECT)
n Personal wireless communications (PCS/PCN)
n Wireless local area networks (WLANs)
n Other wireless communications systems
Block Diagram
MICROWIRE™ is a trademark of National Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS012815-1
PRELIMINARY
November 1999
© 1999 National Semiconductor Corporation
DS012815
www.national.com


Similar Part No. - LMX3161

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX3160 NSC-LMX3160 Datasheet
176Kb / 16P
Single Chip Radio Transceiver
LMX3162 NSC-LMX3162 Datasheet
399Kb / 18P
Single Chip Radio Transceiver
LMX3162VBH NSC-LMX3162VBH Datasheet
399Kb / 18P
Single Chip Radio Transceiver
LMX3162VBHX NSC-LMX3162VBHX Datasheet
399Kb / 18P
Single Chip Radio Transceiver
More results

Similar Description - LMX3161

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX3162 NSC-LMX3162 Datasheet
399Kb / 18P
Single Chip Radio Transceiver
logo
Sanyo Semicon Device
LA1800 SANYO-LA1800 Datasheet
577Kb / 8P
FM/AM Single-Chip Radio
logo
Infineon Technologies A...
PBA31305 INFINEON-PBA31305 Datasheet
25Kb / 2P
Bluetooth Radio Transceiver?
logo
NXP Semiconductors
TEA5767 PHILIPS-TEA5767 Datasheet
382Kb / 2P
single-chip FM stereo radio
March 2002
logo
National Semiconductor ...
LMX3160 NSC-LMX3160 Datasheet
176Kb / 16P
Single Chip Radio Transceiver
logo
AMI SEMICONDUCTOR
AMIS-52000 AMI-AMIS-52000 Datasheet
649Kb / 15P
Single-Chip Radio Transceiver
logo
rfsolutions.ltd
RF650 RFSOLUTIONS-RF650 Datasheet
365Kb / 11P
SMART RADIO TRANSCEIVER
logo
NXP Semiconductors
TEA5760UK NXP-TEA5760UK Datasheet
220Kb / 37P
Single chip FM stereo radio
Rev. 01-14 December 2006
logo
ATMEL Corporation
AT86RF212 ATMEL-AT86RF212_10 Datasheet
3Mb / 172P
single-chip RF transceiver provides a complete radio interface
logo
Tiger Electronic Co.,Lt...
LA1800 TGS-LA1800 Datasheet
1Mb / 9P
FM/AM SINGLE CHIP RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com