Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX3161VBH Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX3161VBH
Description  Single Chip Radio Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX3161VBH Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMX3161VBH Datasheet HTML 3Page - National Semiconductor (TI) LMX3161VBH Datasheet HTML 4Page - National Semiconductor (TI) LMX3161VBH Datasheet HTML 5Page - National Semiconductor (TI) LMX3161VBH Datasheet HTML 6Page - National Semiconductor (TI) LMX3161VBH Datasheet HTML 7Page - National Semiconductor (TI) LMX3161VBH Datasheet HTML 8Page - National Semiconductor (TI) LMX3161VBH Datasheet HTML 9Page - National Semiconductor (TI) LMX3161VBH Datasheet HTML 10Page - National Semiconductor (TI) LMX3161VBH Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Electrical Characteristics (Continued)
Note 13: The doubler section is tested at 1.89 GHz, and it is guaranteed by design to operate within 1.7 — 1.9 GHz range.
Note 14: See Function Register Programming Description for Icpo description.
Note 15: Tested in a 50
Ω environment.
AC Timing Characteristics
Serial Data Input Timing
TEST CONDITIONS: The Serial Data Input Timing is tested using a symmetrical waveform around V
CC/2. The test waveform has
an skew rate of 0.6V/ns.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
MICROWIRE™ Interface
t
CS
Data to Clock Set Up Time
Refer to Test Condition.
50
—
—
ns
t
CH
Data to Clock Hold Time
Refer to Test Condition.
10
—
—
ns
t
CWH
Clock Pulse Width High
Refer to Test Condition.
50
—
—
ns
t
CWL
Clock Pulse Width Low
Refer to Test Condition.
50
—
—
ns
t
ES
Clock to Load Enable Set Up Time
Refer to Test Condition.
50
—
—
ns
t
EW
Load Enable Pulse Width
Refer to Test Condition.
50
—
—
ns
DS012815-3
Notes: Parenthesis data indicates programmable reference divider data.
Data shifted into register on clock rising edge.
Data is shifted in MSB first.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com