Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX3161VBH Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX3161VBH
Description  Single Chip Radio Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX3161VBH Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMX3161VBH Datasheet HTML 5Page - National Semiconductor (TI) LMX3161VBH Datasheet HTML 6Page - National Semiconductor (TI) LMX3161VBH Datasheet HTML 7Page - National Semiconductor (TI) LMX3161VBH Datasheet HTML 8Page - National Semiconductor (TI) LMX3161VBH Datasheet HTML 9Page - National Semiconductor (TI) LMX3161VBH Datasheet HTML 10Page - National Semiconductor (TI) LMX3161VBH Datasheet HTML 11Page - National Semiconductor (TI) LMX3161VBH Datasheet HTML 12Page - National Semiconductor (TI) LMX3161VBH Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Programmable Reference Divider (R-Counter)
If the control bits are “10”, data is transferred from the 20-bit shift register into a latch, which sets the 6-bit R-counter. The serial
data format is shown below.
MSB
REGISTER’S BIT MAPPING
LSB
19
18
17
16
15
14
13
12
11
10
9876543210
RESERVED
R-COUNTER’s Divide Ratio
C2
C1
X
XXXXXXX
XXXX
R6
R5
R4
R3
R2
R1
1
0
Note: X = Don’t Care Condition
Reference Counter Divide Ratio (R-Counter)
Divide Ratio, R
R6
R5
R4
R3
R2
R1
3
000011
4
000100
*
******
63
111111
Note: Divide ratio must be from 3 to 63.
Pulse Swallow Function
fvco:
Output frequency of external voltage controlled oscillator (VCO)
B:
Preset divide ratio of binary 6-bit programmable counter (3 to 63)
A:
Preset divide ratio of binary 6-bit swallow counter (0
≤ A ≤ P, A ≤ B)
fOSC: Output frequency of the external reference frequency oscillator
R:
Preset divide ratio of binary 6-bit programmable reference counter (3 to 63)
P:
Preset modulus of dual modulus prescaler (32 or 64)
Receiver Functional Description
The simplified block diagram below shows the mixer, IF amplifier, limiter, and discriminator. In addition, the DC compensation cir-
cuit, doubler, and voltage regulator for an external LNA stage are shown.
DS012815-5
Note: The receiver can be powered down, either by hardware through the Rx PD pin, or by software through the programming of F6 bit in F-Latch. The power
down control method is determined by the settings of F11 and F12 in F-Latch. (Refer to Function Register Programming Description section for details.)
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com