Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX3161VBH Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX3161VBH
Description  Single Chip Radio Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX3161VBH Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMX3161VBH Datasheet HTML 6Page - National Semiconductor (TI) LMX3161VBH Datasheet HTML 7Page - National Semiconductor (TI) LMX3161VBH Datasheet HTML 8Page - National Semiconductor (TI) LMX3161VBH Datasheet HTML 9Page - National Semiconductor (TI) LMX3161VBH Datasheet HTML 10Page - National Semiconductor (TI) LMX3161VBH Datasheet HTML 11Page - National Semiconductor (TI) LMX3161VBH Datasheet HTML 12Page - National Semiconductor (TI) LMX3161VBH Datasheet HTML 13Page - National Semiconductor (TI) LMX3161VBH Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Transmitter Functional Description
The simplified block diagram below shows the doubler and voltage regulator for an external transmit gain stage.
Function Register Programming Description (F-Latch)
If the control bits are “1X”, data is transferred from the 20-bit shift register into the 18-bit F-latch. Serial data format is shown
below.
MSB
REGISTER’S BIT MAPPING
LSB
19
18
17
16
15
14
13
12
11
10
9876543210
MODE CONTROL WORD
C2
C1
F18
F17
F16
F15
F14
F13
F12
F11
F10
F9
F8
F7
F6
F5
F4
F3
F2
F1
X
1
Note: X = Don’t Care Condition
Various modes of operation can be programmed with the function register bits F1–F18, including the phase detector polarity,
charge pump TRI-STATE® and CMOS outputs. In addition, software or hardwire power down modes can be specified with bits
F11 and F12.
Mode
Control
Bit
Model Control Description
Setting to
“0” to Select
Setting to
“1” to Select
F1
Prescaler modules select.
32/33
64/65
F2
Phase detector polarity. It is used to reverse the polarity of
the phase detector according to the VCO characteristics.
Negative VCO
Characteristics
Positive VCO
Characteristics
F3
Charge pump current gain select.
LOW Charge Pump
Current (1X I
cpo).
HIGH Charge Pump
Current (4X I
cpo).
F4
TRI-STATE charge pump output.
Normal Operation
Force to TRI-STATE
F5
Reserved. Setting to “0” always.
—
—
F6
Receive chain power down control. Software power down
can only be activated when both F11 and F12 are set to “0”.
Power Up RX Chain
Power Down RX Chain
F7
Transmit chain power down control. Software power down
can only be activated when both F11 and F12 are set to “0”.
Power Up TX Chain
Power Down TX Chain
F8
Out 0 CMOS output.
OUT 0 = LOW
OUT 0 = HIGH
F9
Out 1 CMOS output. Functions only in software power down
mode, when both F11 and F12 are set to “0”.
OUT 1 = LOW
OUT 1 = HIGH
F10
Out 2 CMOS output. Functions only in software power down
mode, when both F11 and F12 are set to “0”.
OUT 2 = LOW
OUT 2 = HIGH
F11
F12
Power down mode select.
Set both F11 and F12 to “0” for software power down mode.
Set both F11 and F12 to “1” for hardwire power down mode.
Other combinations are reserved for test mode.
Software
Power Down
Hardware
Power Down
F13
Demodulator gain select
1X Gain Mode
3X Gain Mode
F14
Demodulator DC level shift +/− level shifting polarity
Set Negative Polarity
Set Positive Polarity
DS012815-6
Note: The transmitter can be powered down, either by hardware through the Tx PD pin, or by software through the programming of F7 bith in F-Latch. The
power down control method is determined by the settings of F11 and F12 in F-Latch. (Refer to Function Register Programming Description section for details.)
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com