Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3701IPE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV3701IPE4
Description  FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3701IPE4 Datasheet(HTML) 4 Page - Texas Instruments

  TLV3701IPE4 Datasheet HTML 1Page - Texas Instruments TLV3701IPE4 Datasheet HTML 2Page - Texas Instruments TLV3701IPE4 Datasheet HTML 3Page - Texas Instruments TLV3701IPE4 Datasheet HTML 4Page - Texas Instruments TLV3701IPE4 Datasheet HTML 5Page - Texas Instruments TLV3701IPE4 Datasheet HTML 6Page - Texas Instruments TLV3701IPE4 Datasheet HTML 7Page - Texas Instruments TLV3701IPE4 Datasheet HTML 8Page - Texas Instruments TLV3701IPE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TLV3701
TLV3702
TLV3704
SLCS137B – NOVEMBER 2000 – REVISED AUGUST 2001
4
www.ti.com
DISSIPATION RATING TABLE
PACKAGE
θJC
(
°C/W)
θJA
(
°C/W)
TA ≤ 25°C
POWER RATING
TA = 125°C
POWER RATING
D (8)
38.3
176
710 mW
142 mW
D (14)
26.9
122.6
1022 mW
204.4 mW
DBV (5)
55
324.1
385 mW
77.1 mW
DGK (8)
54.2
259.9
481 mW
96.2 mW
N (14)
32
78
1600 mW
320.5 mW
P (8)
41
104
1200 mW
240.4 mW
PW (14)
29.3
173.6
720 mW
144 mW
recommended operating conditions
MIN
MAX
UNIT
Single supply
C-suffix
2.5
16
Supply voltage V
Single supply
I-suffix
2.7
16
V
Supply voltage, VCC
Split supply
C-suffix
±1.25
±8
V
Split supply
I-suffix
±1.35
±8
Common-mode input voltage range, VICR
–0.1
VCC+5
V
Operating free air temperature TA
C-suffix
0
70
°C
Operating free-air temperature, TA
I-suffix
– 40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com