Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3701IPE4 Datasheet(PDF) 14 Page - Texas Instruments

Part # TLV3701IPE4
Description  FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3701IPE4 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV3701IPE4 Datasheet HTML 7Page - Texas Instruments TLV3701IPE4 Datasheet HTML 8Page - Texas Instruments TLV3701IPE4 Datasheet HTML 9Page - Texas Instruments TLV3701IPE4 Datasheet HTML 10Page - Texas Instruments TLV3701IPE4 Datasheet HTML 11Page - Texas Instruments TLV3701IPE4 Datasheet HTML 12Page - Texas Instruments TLV3701IPE4 Datasheet HTML 13Page - Texas Instruments TLV3701IPE4 Datasheet HTML 14Page - Texas Instruments TLV3701IPE4 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
TLV3701
TLV3702
TLV3704
SLCS137B – NOVEMBER 2000 – REVISED AUGUST 2001
14
www.ti.com
MECHANICAL DATA
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153
For the latest package information, go to http://www.ti.com/sc/docs/package/pkg_info.htm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com