Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3701IPE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV3701IPE4
Description  FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3701IPE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV3701IPE4 Datasheet HTML 2Page - Texas Instruments TLV3701IPE4 Datasheet HTML 3Page - Texas Instruments TLV3701IPE4 Datasheet HTML 4Page - Texas Instruments TLV3701IPE4 Datasheet HTML 5Page - Texas Instruments TLV3701IPE4 Datasheet HTML 6Page - Texas Instruments TLV3701IPE4 Datasheet HTML 7Page - Texas Instruments TLV3701IPE4 Datasheet HTML 8Page - Texas Instruments TLV3701IPE4 Datasheet HTML 9Page - Texas Instruments TLV3701IPE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TLV3701
TLV3702
TLV3704
SLCS137B – NOVEMBER 2000 – REVISED AUGUST 2001
6
www.ti.com
switching characteristics at recommended operating conditions, VCC = 2.7 V, 5 V, 15 V, TA = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Pti
ti
l
t hi h l
l
Overdrive = 2 mV
240
t(PLH)
Propagation response time, low-to-high-level
output (see Note 3)
f=10kHz
Overdrive = 10 mV
64
t(PLH)
output (see Note 3)
f = 10 kHz,
VSTEP = 100 mV,
Overdrive = 50 mV
36
s
Pti
ti
hi h t l
l
l
VSTEP = 100 mV,
CL = 10 pF,
V2 7 V
Overdrive = 2 mV
167
µs
t(PHL)
Propagation response time, high-to-low-level
output (see Note 3)
L
VCC = 2.7 V
Overdrive = 10 mV
67
t(PHL)
output (see Note 3)
Overdrive = 50 mV
37
tr
Rise time
CL = 10 pF, VCC = 2.7 V
7
µs
tf
Fall time
CL = 10 pF, VCC = 2.7 V
9
µs
NOTE 3: The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V. Propagation
responses are longer at higher supply voltages, refer to Figures 12–17 for further details.
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Input bias/offset current
vs Free-air temperature
1
Open collector leakage current
vs Free-air temperature
2
VOL
Low-level output voltage
vs Low-level output current
3, 5, 7
VOH
High-level output voltage
vs High-level output current
4, 6, 8
I
Supply current
vs Supply voltage
9
ICC
Supply current
vs Free-air temperature
10
Output fall time/rise time
vs Supply voltage
11
Low-to-high level output response for various input overdrives
12, 14, 16
High-to-low level output response for various input overdrives
13, 15, 17
–200
0
200
400
600
800
1000
1200
–40
–10
20 35
65
125
INPUT BIAS/OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
IIB
IIO
VCC = 15 V
Figure 1
–25
5
50
80 95 110
Figure 2
–200
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
–40 –25 –10 5
20 35 50 65 80 95 110 125
OPEN COLLECTOR LEAKAGE CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VCC = 15 V
VCC = 2.7 V, 5 V
VID = 1 V
Figure 3
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL – Low-Level Output Current – mA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
VCC = 2.7 V
VID = –1 V
TA = 125°C
TA = 25°C
TA = 70°C
TA = 0°C
TA = –40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com