Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9042 Datasheet(PDF) 1 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9042
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9042 Datasheet(HTML) 1 Page - LAPIS Semiconductor Co., Ltd.

  ML9042 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
LAPIS Semiconductor
FEDL9042-01
Issue Date: Nov. 19, 2003
ML9042-xx
DOT MATRIX LCD CONTROLLER DRIVER
1/58
GENERAL DESCRIPTION
The ML9042 used in combination with an 8-bit or 4-bit microcontroller controls the operation of a character type
dot matrix LCD.
FEATURES
 Easy interfacing with an 8-bit or 4-bit microcontroller
 Switchable between serial and parallel interfaces
 Dot-matrix LCD controller driver for a 5  8 dot font
 Built-in circuit allowing automatic resetting at power-on
 Built-in 17 common signal drivers and 100 segment signal drivers
 Two built-in character generator ROMs each capable of generating 240 characters (5  8 dots)
 The character generator ROM can be selected by bank switching (ROM1S) pin.
 Creation of character patterns by programming: up to 8 character patterns (5  8 dots)
 Built-in RC oscillation circuit using external or internal resistors
 Program-selectable duties
When ABE bit is “L”: 1/8 duty (1 line: 5
 8 dots), or 1/16 duty (2 lines: 5  8 dots)
When ABE bit is “H”: 1/9 duty (1 line: 5
 8 dots + arbitrator), or 1/17 duty (2 lines: 5  8 dots + arbitrator)
 Cursor display
 Built-in bias dividing resistors to drive the LCD
 Bi-directional transfer of segment outputs
 Bi-directional transfer of common outputs
 100-dot arbitrator display
 Line display shifting
 Built-in voltage multiplier circuit
 Gold Bump Chip
ML9042-xx CVWA/DVWA
*xx indicates a character generator ROM code number.
*01, 11 and 21 indicate general character generator ROM code numbers.
CVWA indicates a bump chip with high hardness, and DVWA indicates a bump chip with low
hardness.


Similar Part No. - ML9042

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9042 OKI-ML9042 Datasheet
558Kb / 58P
DOT MATRIX LCD CONTROLLER DRIVER
logo
List of Unclassifed Man...
ML9042-XX ETC2-ML9042-XX Datasheet
529Kb / 58P
DOT MATRIX LCD CONTROLLER DRIVER
More results

Similar Description - ML9042

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1530 EPSON-SED1530 Datasheet
176Kb / 13P
DOT MATRIX LCD CONTROLLER DRIVER
SED1200F EPSON-SED1200F Datasheet
149Kb / 6P
Dot Matrix LCD Controller Driver
logo
List of Unclassifed Man...
ST7036 ETC-ST7036 Datasheet
864Kb / 72P
Dot Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1278F EPSON-SED1278F Datasheet
561Kb / 13P
Dot Matrix LCD Controller Driver
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
Dot Matrix LCD Controller/Driver
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
DOT MATRIX LCD CONTROLLER/DRIVER
logo
Neotec Semiconductor Lt...
NT7070B NEOTEC-NT7070B Datasheet
323Kb / 33P
Dot Matrix LCD Driver & Controller
Rev1.4 20130225
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com