Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9042 Datasheet(PDF) 46 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9042
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9042 Datasheet(HTML) 46 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9042 Datasheet HTML 42Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 43Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 44Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 45Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 46Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 47Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 48Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 49Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 50Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
FEDL9042-01
LAPIS Semiconductor
ML9042-xx
46/58
LCD Drive Waveforms
The COM and SEG waveforms (AC signal waveforms for display) vary according to the duty (1/9 and 1/17 duties).
See 1) and 2) below.
The relationship between the duty ratio and the frame frequency is as follows:
Duty ratio
Frame Frequency
1/8
84.4 Hz
1/9
75.0 Hz
1/16
84.4 Hz
1/17
79.4 Hz
Note: At an oscillation frequency (OSC) of 270 kHz
1) COM and SEG Waveforms on 1/9 Duty (ABE = “1”)
V0
1 frame
V1
V2, V3B
V4
V5
V0
V1
V2, V3B
V4
V5
V0
V1
V2, V3B
V4
V5
V0
V1
V2, V3B
V4
V5
COM1 (CSR = “L”, AS = “L”)
COM2 (CSR = “L”, AS = “H”)
COM9 (CSR = “H”, AS = “L”)
COM8 (CSR = “H”, AS = “H”)
(first character line)
COM2 (CSR = “L”, AS = “L”)
COM3 (CSR = “L”, AS = “H”)
COM8 (CSR = “H”, AS = “L”)
COM7 (CSR = “H”, AS = “H”)
(second character line)
COM8 (CSR = “L”, AS = “L”)
COM9 (CSR = “L”, AS = “H”)
COM2 (CSR = “H”, AS = “L”)
COM1 (CSR = “H”, AS = “H”)
(eighth character line)
COM9 (CSR = “L”, AS = “L”)
COM1 (CSR = “L”, AS = “H”)
COM1 (CSR = “H”, AS = “L”)
COM9 (CSR = “H”, AS = “H”)
(arbitrator line)
V0
V1
V2, V3B
V4
V5
COM10 to
COM17
V0
V1
V2, V3B
V4
V5
SEG
Display
turning-off
waveform
Display
turning-on
waveform
8 9 1 2 3 4 ··· 7 8 9 1 2 3 4 ··· 7 8 9 1 2
2 1 9 8 7 6 ··· 3 2 1 9 8 7 6 ··· 3 2 1 9 8
CSR=“H”
CSR=“L”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com