Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9042 Datasheet(PDF) 5 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9042
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9042 Datasheet(HTML) 5 Page - LAPIS Semiconductor Co., Ltd.

  ML9042 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
FEDL9042-01
LAPIS Semiconductor
ML9042-xx
5/58
Symbol
Description
ROM1S
The input pin to switch the ROM bank. “H” selects ROM1 and “L” selects ROM0.
Switching after power-on is prohibited.
V1 , V2, V3A, V3B, V4
The pins to output bias voltages to the LCD.
For 1/4 bias : The V2 and V3B pins are shorted.
For 1/5 bias : The V3A and V3B pins are shorted.
BE
The input pin to enable or disable the voltage multiplier circuit.
"L" disables the voltage multiplier circuit. "H" enables the voltage multiplier circuit.
The voltage multiplier circuit doubles the input voltage between the VIN pin and the
GND pin, and the multiplied voltage referenced to the GND is output to the VOUT pin.
The voltage multiplier circuit can be used only when generating a level higher than the
VDD.
TESTIN
The input pin for test circuits. Normally connect this pin to VDD.
TESTOUT
The output pin for the test circuits. Normally leave this pin open.
VIN
The pin to input voltage to the voltage multiplier.
V0, VOUT
The pins to supply the LCD drive voltage.
The same potential as the VDD potential is supplied to the VOUT and V0 pins when the
voltage multiplier is not used (BE = “0” or BE = “1”, and the capacitor is not connected
to the VC and VCC pins)
When the voltage multiplier is used (BE = “1”), the multiplied voltage is output to the
VOUT pin, so that the VOUT pin and V0 pin should be connected.
Capacitors for the voltage multiplier should be connected between the GND and the
VOUT pin.
VC
The pin to connect the negative pin of the capacitor for the voltage multiplier. Leave the
pin open when the voltage multiplier circuit is not used.
VCC
The pin to connect the positive pin of the capacitor used for the voltage multiplier.
Leave the pin open when the voltage multiplier circuit is not used.
T1, T2, T3
The input pins for test circuits (normally open). Each of these pins is equipped with a
pull-down resistor, so this pin should be left open.
VDD
The power supply pin.
GND
The ground level input pin.
SP
The input pin to select the serial or parallel interface.
“L” selects the parallel interface.
“H” selects the serial interface.
DUMMYVDD
The output pin to fix the adjacent input pin to the VDD level. Use this pin only for this
purpose.
DUMMYGND
The output pin to fix the adjacent input pin to the GND level. Use this pin only for this
purpose.
DUMMY
NC (No Connection) pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com