Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90367 Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # MLX90367
Description  Triaxis횘 Position Sensor IC feat. SENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90367 Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX90367 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
MLX90367
Triaxis
®
®
®
® Position Sensor IC feat. SENT
MLX90367
Page 8 of 36
Datasheet
Rev 5.2
Dec. 15, 15
7. MLX90367 Electrical Specification
DC Operating Parameters at Nominal Supply Voltage (unless otherwise specified) and for TA as specified
by the Temperature suffix (E or K or L).
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Nominal Supply Voltage
VDD
4.5
5
5.5
V
Supply Current(2)
Idd
10
mA
Isurge Current(3)
Isurge
20
mA
Power-On reset ( rising )
HPOR_LH
Refer to internal voltage Vdig
2
2.25
2.5
V
Power-On reset Hysteresis
HPOR_Hyst
50
200
mV
Start-up Level ( rising )
MT4V LH
3.8
4.0
4.2
V
Start-up Hysteresis
MT4V Hyst
50
200
mV
PTC Entry Level ( rising )
MT7V_LH
5.8
6.2
6.6
V
PTC Entry Level Hysteresis
MT7V_Hyst
50
200
mV
Output Short Circuit Current
Ishort
Vout = 0 V
Vout = 5 V
Vout = 18 V (TA = 25°C)
15
15
18
mA
mA
mA
Output Load
RL
Pull-down to Ground
Pull-up to 5V
1
1
10
10
∞
∞
kΩ
kΩ
Active Diagnostic Output Level
Digital Saturation Output Level
Dsat_lo
Pull-up load RL ≥ 10 kΩ to 5 V
Pull-up load RL ≥ 5 kΩ to 18V
0.5
2
2
3
%VDD
Dsat_hi
Pull-down load RL ≥ 5 kΩ
Pull-down load RL ≥ 10 kΩ
95
97.5
97
98.5
%VDD
Passive Diagnostic Output Level
(Broken Track Diagnostic) (4)
BVSSPD5
Broken VSS &
Pull-down load RL ≥ 5 kΩ
Pull-down load RL ≥ 10 kΩ
95
97.5
%VDD
BVSSPU
Broken VSS &
Pull-up load RL ≥ 4.7kΩ
99.5
100
%VDD
BVDDPD
Broken VDD &
Pull-down load RL ≥ 4.7kΩ
0
0.5
%VDD
BVDDPU
Broken VDD &
Pull-up load RL ≥ 5kΩ
2
%VDD
Digital output Ron
Ron
Diag_low
Diag_hi
15
120
30
300
Ohms
2
For the dual version, the supply current is multiplied by 2.
3
The specified value is valid during early start-up time only; the current might dynamically exceed the specified value, shortly,
during the Start-up phase.
4
The SENT output signal will no longer be reported. For detailed information, see also section 16
5 In case the dual-die variant is used BVssPD level can be influenced. Refer to Technical note MLX90365_Broken_Vss_DualDie



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com