Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90367 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # MLX90367
Description  Triaxis횘 Position Sensor IC feat. SENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90367 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  MLX90367 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
MLX90367
Triaxis
®
®
®
® Position Sensor IC feat. SENT
MLX90367
Page 1 of 36
Datasheet
Rev 5.2
Dec. 15, 15
Features and Benefits
Triaxis
® Hall Technology
On Chip Signal Processing for Robust Absolute Position Sensing
Simple Magnetic Design
Programmable Measurement Range
Programmable Linear Transfer Characteristic (Multi-points)
SENT output (according to SAE J2716-2010)
12 bit Resolution - 10 bit Thermal Accuracy
48 bit ID Number option
Single Die – SOIC-8 Package RoHS Compliant
Dual Die (Full Redundant) – TSSOP-16 Package RoHS Compliant
Applications
Absolute Rotary Position Sensor
Absolute Linear Position Sensor
Pedal Position Sensor
Steering Wheel Position Sensor
Throttle Position Sensor
Float-Level Sensor
Ride Height Position Sensor
Non-Contacting Potentiometer
Ordering Information
1
Part No.
Temperature Suffix
Package Code
Die Revision
Option code
Packing
MLX90367
L (− 40°C to + 150°C)
DC [SOIC-8]
ABU
000
RE
MLX90367
L (− 40°C to + 150°C)
GO [TSSOP-16]
ABU
000
RE
MLX90367
L (− 40°C to + 150°C)
DC [SOIC-8]
ABV
000
RE
MLX90367
L (− 40°C to + 150°C)
GO [TSSOP-16]
ABV
000
RE
Legend:
Temperature Code:
E for Temperature Range -40°C to 85°C
K for Temperature Range -40°C to 125°C
L for Temperature Range -40°C to 150°C
Package Code:
DC for SOIC-8 Package
GO for TSSOP-16 Package (Dual Die – Full Redundant)
Option Code:
XXX-000 – Standard
Packing Form:
RE for Reel
SP for sample pack
Ordering example:
MLX90367LGO-ABU-000-RE
1
See your sales representative for more details.


Similar Part No. - MLX90367

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90367 MELEXIS-MLX90367 Datasheet
910Kb / 36P
Triaxis횘 Position Sensor IC feat. SENT
MLX90367 MELEXIS-MLX90367 Datasheet
1Mb / 23P
Daughter Board for Melexis PTC devices
REVISION 7 - 20 December 2021
MLX90367LDCABU000RE MELEXIS-MLX90367LDCABU000RE Datasheet
910Kb / 36P
Triaxis횘 Position Sensor IC feat. SENT
MLX90367LDCABV000RE MELEXIS-MLX90367LDCABV000RE Datasheet
910Kb / 36P
Triaxis횘 Position Sensor IC feat. SENT
MLX90367LGOABU000RE MELEXIS-MLX90367LGOABU000RE Datasheet
910Kb / 36P
Triaxis횘 Position Sensor IC feat. SENT
More results

Similar Description - MLX90367

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90366 MELEXIS-MLX90366 Datasheet
1Mb / 34P
Triaxis??Position Sensor Assembly feat. SENT
MLX90367 MELEXIS-MLX90367 Datasheet
910Kb / 36P
Triaxis횘 Position Sensor IC feat. SENT
MLX90365 MELEXIS-MLX90365 Datasheet
897Kb / 35P
Triaxis짰 Position Sensor IC
MLX90360 MELEXIS-MLX90360 Datasheet
651Kb / 35P
Triaxis횘 Position Sensor IC
MLX90366 MELEXIS-MLX90366_15 Datasheet
1Mb / 34P
Triaxis횘 Position Sensor IC feat. SENT
MLX90360KGO-ACD MELEXIS-MLX90360KGO-ACD Datasheet
651Kb / 35P
Triaxis횘 Position Sensor IC
MLX90366LVS-ADS MELEXIS-MLX90366LVS-ADS Datasheet
887Kb / 45P
Rotary Position Sensor IC
MLX90377 MELEXIS-MLX90377 Datasheet
3Mb / 90P
Triaxis짰 Position Sensor IC
logo
Renesas Technology Corp
IPS2200 RENESAS-IPS2200_V01 Datasheet
1Mb / 37P
Inductive Position Sensor IC
Aug.5.22
ZMID4200 RENESAS-ZMID4200 Datasheet
1,018Kb / 26P
Inductive Position Sensor IC
Aug 19, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com