Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4007BCP Datasheet(PDF) 5 Page - Analog Devices

Part # ADF4007BCP
Description  High Frequency Divider/PLL Synthesizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4007BCP Datasheet(HTML) 5 Page - Analog Devices

  ADF4007BCP Datasheet HTML 1Page - Analog Devices ADF4007BCP Datasheet HTML 2Page - Analog Devices ADF4007BCP Datasheet HTML 3Page - Analog Devices ADF4007BCP Datasheet HTML 4Page - Analog Devices ADF4007BCP Datasheet HTML 5Page - Analog Devices ADF4007BCP Datasheet HTML 6Page - Analog Devices ADF4007BCP Datasheet HTML 7Page - Analog Devices ADF4007BCP Datasheet HTML 8Page - Analog Devices ADF4007BCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADF4007
Rev. 0 | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
15 MUXOUT
14 M1
13 M2
12 N1
CPGND 1
AGND 2
AGND 3
11 N2
RFINB4
RFINA5
PIN1
INDICATOR
TOPVIEW
ADF4007
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Function
1
CPGND
Charge Pump Ground. The ground return path of the charge pump.
2, 3
AGND
Analog Ground. The ground return path of the prescaler.
4
RFINB
Complementary Input to the RF Prescaler. This point must be decoupled to the ground plane with a small bypass
capacitor, typically 100 pF.
5
RFINA
Input to the RF Prescaler. This small signal input is ac-coupled to the external VCO.
6, 7
AVDD
Analog Power Supply. This pin can range from 2.7 V to 3.3 V. Decoupling capacitors to the analog ground plane
should be placed as close as possible to this pin. AVDD must be the same value as DVDD.
8
REFIN
Reference Input. A CMOS input with a nominal threshold of VDD/2 and a dc equivalent input resistance of 100 kΩ.
This input can be driven from a TTL or CMOS crystal oscillator, or it can be ac-coupled.
9, 10
DGND
Digital Ground.
11, 12
N2, N1
These two bits set the N value. See Table 4.
13, 14
M2, M1
These two bits set the status of MUXOUT and PFD polarity. See Table 5.
15
MUXOUT
This multiplexer output allows either the N divider output or the R divider output to be accessed externally.
16, 17
DVDD
Digital Power Supply. This pin can range from 2.7 V to 3.3 V. Decoupling capacitors to the digital ground plane
should be placed as close as possible to this pin. DVDD must be the same value as AVDD.
18
VP
Charge Pump Power Supply. This pin should be greater than or equal to VDD. In systems where VDD is 3 V, it can be
set to 5 V and used to drive a VCO with a tuning range of up to 5 V.
19
RSET
Connecting a resistor between this pin and CPGND sets the maximum charge pump output current. The nominal
voltage potential at the RSET pin is 0.66 V. The relationship between ICP and RSET is
SET
MAX
CP
R
I
5
.
25
=
Therefore, if RSET = 5.1 kΩ, then ICP = 5 mA.
20
CP
Charge Pump Output. When enabled, this pin provides ±ICP to the external loop filter, which in turn drives the
external VCO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com