Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4007BCP Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4007BCP
Description  High Frequency Divider/PLL Synthesizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4007BCP Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4007BCP Datasheet HTML 4Page - Analog Devices ADF4007BCP Datasheet HTML 5Page - Analog Devices ADF4007BCP Datasheet HTML 6Page - Analog Devices ADF4007BCP Datasheet HTML 7Page - Analog Devices ADF4007BCP Datasheet HTML 8Page - Analog Devices ADF4007BCP Datasheet HTML 9Page - Analog Devices ADF4007BCP Datasheet HTML 10Page - Analog Devices ADF4007BCP Datasheet HTML 11Page - Analog Devices ADF4007BCP Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADF4007
Rev. 0 | Page 8 of 16
–40
–35
–30
–25
–20
–15
–10
–5
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5
VDD = 3V
VP = 3V
RF INPUT FREQUENCY (GHz)
0
TA = +85°C
TA = +25°C
TA = –40°C
Figure 3. Input Sensitivity
0
–60
–2k
–10
–50
–70
–90
–30
–40
–80
–20
2k
6780M
–1k
1k
–100
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 106kHz
LOOP BANDWIDTH = 1MHz
RES BANDWIDTH = 10Hz
VIDEO BANDWIDTH = 10Hz
SWEEP = 1.9s
AVERAGES = 10
–99dBc/Hz
FREQUENCY (Hz)
REF LEVEL = –14.3dBm
Figure 4. Phase Noise (6.78 GHz RFOUT, 106 MHz PFD,
and 1 MHz Loop Bandwidth)
10k
100M
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
FREQUENCY OFFSET FROM CARRIER (Hz)
10dB/DIV
RL = –40dBc/Hz
RMS NOISE = 4.2
°
100k
1M
10M
Figure 5. Integrated Phase Noise (6.78 GHz RFOUT, 106 MHz PFD,
and 1 MHz Loop Bandwidth)
0
–60
–10
–50
–70
–90
–30
–40
–80
–20
–100
REF LEVEL = –14.0dBm
–212
212
6780
–106
106
FREQUENCY (MHz)
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 106MHz
LOOP BANDWIDTH = 1MHz
RES BANDWIDTH = 1kHz
VIDEO BANDWIDTH = 1kHz
SWEEP = 2.5s
AVERAGES = 30
–91.0dBc/Hz
Figure 6. Reference Spurs (6.78 GHz RFOUT, 106 MHz PFD,
and 1 MHz Loop Bandwidth)
–120
–130
–180
10k
120M
100k
1M
10M
–140
–150
–160
–170
PHASE DETECTOR FREQUENCY (Hz)
VDD = 3V
VP = 5V
Figure 7. Phase Noise (Referred to CP Output) vs. PFD Frequency
–6
–5
6
0
2.0
0.5
1.0
1.5
–4
–3
–2
–1
VCP (V)
0
1
2
3
4
5
4.0
2.5
3.0
3.5
5.0
4.5
VP = 5V
ICP = 5mA
Figure 8. Charge Pump Output Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com