Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7682DP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7682DP
Description  N-Channel 30-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7682DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7682DP Datasheet HTML 1Page - Vishay Siliconix SI7682DP Datasheet HTML 2Page - Vishay Siliconix SI7682DP Datasheet HTML 3Page - Vishay Siliconix SI7682DP Datasheet HTML 4Page - Vishay Siliconix SI7682DP Datasheet HTML 5Page - Vishay Siliconix SI7682DP Datasheet HTML 6Page - Vishay Siliconix SI7682DP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number: 73350
S09-0272-Rev. B, 16-Feb-09
Vishay Siliconix
Si7682DP
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
30
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
35
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
6.5
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.4
2.5
V
VDS = VGS, ID = 5 mA
2.2
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 20 A
0.0075
0.0090
Ω
VGS = 4.5 V, ID = 9.5 A
0.0105
0.0130
Forward Transconductancea
gfs
VDS = 15 V, ID = 20 A
35
S
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
1595
pF
Output Capacitance
Coss
375
Reverse Transfer Capacitance
Crss
150
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 11 A
24
38
nC
VDS = 15 V, VGS = 4.5 V, ID = 11 A
11
17
Gate-Source Charge
Qgs
4
Gate-Drain Charge
Qgd
3.1
Gate Resistance
Rg
f = 1 MHz
0.2
0.55
0.9
Ω
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 1.87 Ω
ID ≅ 8 A, VGEN = 4.5 V, Rg = 1 Ω
18
30
ns
Rise Time
tr
82
130
Turn-Off Delay Time
td(off)
18
30
Fall Time
tf
10
16
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 1.87 Ω
ID ≅ 8 A, VGEN = 10 V, Rg = 1 Ω
11
18
Rise Time
tr
55
85
Turn-Off Delay Time
td(off)
23
35
Fall Time
tf
815
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode
Current
IS
TC = 25 °C
20
A
Pulse Diode Forward Currenta
ISM
50
Body Diode Voltage
VSD
IS = 2.3 A
0.76
1.1
V
Body Diode Reverse Recovery Time
trr
IF = 9.5 A, dI/dt = 100 A/µs, TJ = 25 °C
30
45
ns
Body Diode Reverse Recovery Charge
Qrr
24
40
nC
Reverse Recovery Fall Time
ta
15.5
ns
Reverse Recovery Rise Time
tb
14.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com