Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7682DP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI7682DP
Description  N-Channel 30-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7682DP Datasheet(HTML) 3 Page - Vishay Siliconix

  SI7682DP Datasheet HTML 1Page - Vishay Siliconix SI7682DP Datasheet HTML 2Page - Vishay Siliconix SI7682DP Datasheet HTML 3Page - Vishay Siliconix SI7682DP Datasheet HTML 4Page - Vishay Siliconix SI7682DP Datasheet HTML 5Page - Vishay Siliconix SI7682DP Datasheet HTML 6Page - Vishay Siliconix SI7682DP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 73350
S09-0272-Rev. B, 16-Feb-09
www.vishay.com
3
Vishay Siliconix
Si7682DP
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
10
20
30
40
50
0.0
0.3
0.6
0.9
1.2
1.5
VGS = 10 thru 4 V
3 V
VDS - Drain-to-Source Voltage (V)
0.006
0.008
0.010
0.012
0.014
0.016
0
1020304050
VGS = 10 V
ID - Drain Current (A)
VGS = 4.5 V
0
2
4
6
8
10
0
5
10
15
20
25
ID = 11 A
Qg - Total Gate Charge (nC)
VDS = 10 V
VDS = 20 V
VDS = 15 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.0
1.4
1.8
2.2
2.6
3.0
25 °C
TC = 125 °C
- 55 °C
VGS - Gate-to-Source Voltage (V)
0
400
800
1200
1600
2000
0
6
12
18
24
30
Crss
Coss
Ciss
VDS - Drain-to-Source Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
VGS = 10 V
TJ - Junction Temperature (°C)
VGS = 4.5 V
ID = 12 A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com