Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74C14 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74C14
Description  Hex Schmitt Trigger
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74C14 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM74C14 Datasheet HTML 1Page - National Semiconductor (TI) MM74C14 Datasheet HTML 2Page - National Semiconductor (TI) MM74C14 Datasheet HTML 3Page - National Semiconductor (TI) MM74C14 Datasheet HTML 4Page - National Semiconductor (TI) MM74C14 Datasheet HTML 5Page - National Semiconductor (TI) MM74C14 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC Electrical Characteristics TA e 25 C CL e 50 pF unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPD0 tPD1
Propagation Delay from Input
VCC e 5V
220
400
ns
to Output
VCC e 10V
80
200
ns
CIN
Input Capacitance
Any Input (Note 2)
50
pF
CPD
Power Dissipation Capacitance
(Note 3) Per Gate
20
pF
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Capacitance is guaranteed by periodic testing
Note 3
CPD determines the no load AC power consumption of any CMOS device For complete explanation see 54C74C Family Characteristics Application
NoteAN-90
Note 4
Only one of the six inputs is at
VCC the others are either at VCC or GND
Typical Applications
Low Power Oscillator
TLF5879 – 2
t1
RC fin
VTa
VTb
t1
RC fin
VCC b VTb
VCC b VTa
f
1
RC fin
VTa (VCC b VTb)
VTb (VCC b VTa)
1
17 RC
Note
The equations assume t1 a t2 n tpd0 a tpd1
TLF5879 – 3
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com