Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74C14 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74C14
Description  Hex Schmitt Trigger
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74C14 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM74C14 Datasheet HTML 1Page - National Semiconductor (TI) MM74C14 Datasheet HTML 2Page - National Semiconductor (TI) MM74C14 Datasheet HTML 3Page - National Semiconductor (TI) MM74C14 Datasheet HTML 4Page - National Semiconductor (TI) MM74C14 Datasheet HTML 5Page - National Semiconductor (TI) MM74C14 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at Any Pin
b
03V to VCC a 03V
Operating Temperature Range
MM54C14
b
55 Cto a125 C
MM74C14
b
40 Cto a85 C
Storage Temperature Range
b
65 Cto a150 C
Power Dissipation
Dual-In-Line
700 mW
Small Outline
500 mW
Operating VCC Range
30V to 15V
Absolute Maximum VCC
18V
Lead Temperature
(Soldering 10 seconds)
260 C
DC Electrical Characteristics
MinMax limits apply across the guaranteed temperature range unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS TO CMOS
VTa
Positive Going Threshold Voltage
VCC e 5V
30
36
43
V
VCC e 10V
60
68
86
V
VCC e 15V
90
100
129
V
VTb
Negative Going Threshold Voltage
VCC e 5V
07
14
20
V
VCC e 10V
14
32
40
V
VCC e 15V
21
50
60
V
VTa –VTb
Hysteresis
VCC e 5V
10
22
36
V
VCC e 10V
20
36
72
V
VCC e 15V
30
50
108
V
VOUT(1)
Logical ‘‘1’’ Output Voltage
VCC e 5V IO eb10 mA
45
V
VCC e 10V IO eb10 mA
90
V
VOUT(0)
Logical ‘‘0’’ Output Voltage
VCC e 5V IO e 10 mA
05
V
VCC e 10V IO e 10 mA
10
V
IIN(1)
Logical ‘‘1’’ Input Current
VCC e 15V VIN e 15V
0005
10
m
A
IIN(0)
Logical ‘‘0’’ Input Current
VCC e 15V VIN e 0V
b
10
b
0005
m
A
ICC
Supply Current
VCC e 15V VIN e 0V15V
005
15
m
A
VCC e 5V VIN e 25V (Note 4)
20
m
A
VCC e 10V VIN e 5V (Note 4)
200
m
A
VCC e 15V VIN e 75V (Note 4)
600
m
A
CMOSLPTTL INTERFACE
VIN(1)
Logical ‘‘1’’ Input Voltage
VCC e 5V
43
V
VIN(0)
Logical ‘‘0’’ Input Voltage
VCC e 5V
07
V
VOUT(1)
Logical ‘‘1’’ Output Voltage
54C VCC e 45V IO eb360 mA
24
V
74C VCC e 475V IO eb360 mA
24
V
VOUT(0)
Logical ‘‘0’’ Output Voltage
54C VCC e 45V IO e 360 mA
04
V
74C VCC e 475V IO e 360 mA
04
V
OUTPUT DRIVE (see 54C74C Family Characteristics Data Sheet) TA e 25 C (Short Circuit Current)
ISOURCE
Output Source Current
VCC e 5V VOUT e 0V
b
175
b
33
mA
(P-Channel)
ISOURCE
Output Source Current
VCC e 10V VOUT e 0V
b
80
b
15
mA
(P-Channel)
ISINK
Output Sink Current
VCC e 5V VOUT e VCC
175
36
mA
(N-Channel)
ISINK
Output Sink Current
VCC e 10V VOUT e VCC
80
16
mA
(N-Channel)
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com