Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74C14 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74C14
Description  Hex Schmitt Trigger
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74C14 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM74C14 Datasheet HTML 1Page - National Semiconductor (TI) MM74C14 Datasheet HTML 2Page - National Semiconductor (TI) MM74C14 Datasheet HTML 3Page - National Semiconductor (TI) MM74C14 Datasheet HTML 4Page - National Semiconductor (TI) MM74C14 Datasheet HTML 5Page - National Semiconductor (TI) MM74C14 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5879
February 1988
MM54C14MM74C14 Hex Schmitt Trigger
General Description
The MM54C14MM74C14 Hex Schmitt Trigger is a mono-
lithic complementary MOS (CMOS) integrated circuit con-
structed with N- and P-channel enhancement transistors
The positive and negative going threshold voltages VTa
and VTb show low variation with respect to temperature
(typ
00005V CatVCC e 10V)
and
hysteresis
VTa b VTb t 02 VCC is guaranteed
All inputs are protected from damage due to static dis-
charge by diode clamps to VCC and GND
Features
Y
Wide supply voltage range
30V to 15V
Y
High noise immunity
070 VCC (typ)
Y
Low power
04 VCC (typ)
TTL compatibility
02 VCC guaranteed
Y
Hysteresis
04 VCC (typ)
02 VCC guaranteed
Connection Diagram
Dual-In-Line Package
TLF5879 – 1
Top View
Order Number MM54C14 or MM74C14
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM74C14

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C14 FAIRCHILD-MM74C14 Datasheet
63Kb / 6P
Hex Schmitt Trigger
MM74C14 FAIRCHILD-MM74C14 Datasheet
69Kb / 6P
Hex Schmitt Trigger
logo
Silicon Supplies
MM74C14 SS-MM74C14 Datasheet
602Kb / 5P
CMOS High Voltage Logic
Rev 1.0 17/02/2023
MM74C14 SS-MM74C14 Datasheet
327Kb / 5P
CMOS High Voltage Logic
Rev 1.0 17/02/2023
MM74C14J SS-MM74C14J Datasheet
690Kb / 4P
CMOS High Voltage Logic
Rev 1.0 17/02/2023
More results

Similar Description - MM74C14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD40106BM NSC-CD40106BM Datasheet
134Kb / 6P
Hex Schmitt Trigger
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B Datasheet
182Kb / 8P
Hex Schmitt Trigger
March, 2000 ??Rev. 3
MC14584B ONSEMI-MC14584B Datasheet
163Kb / 8P
Hex Schmitt Trigger
March, 2000 ??Rev. 3
logo
Rohm
BU4584B ROHM-BU4584B Datasheet
46Kb / 4P
Hex Schmitt trigger
logo
Fairchild Semiconductor
CD40106BC FAIRCHILD-CD40106BC Datasheet
66Kb / 6P
Hex Schmitt Trigger
MM74C14 FAIRCHILD-MM74C14 Datasheet
63Kb / 6P
Hex Schmitt Trigger
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B_06 Datasheet
152Kb / 10P
Hex Schmitt Trigger
October, 2006 ??Rev. 7
MC14584B ONSEMI-MC14584B_06 Datasheet
145Kb / 8P
Hex Schmitt Trigger
October, 2006 ??Rev. 7
logo
Fairchild Semiconductor
MM74C14MX FAIRCHILD-MM74C14MX Datasheet
69Kb / 6P
Hex Schmitt Trigger
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B_14 Datasheet
126Kb / 8P
Hex Schmitt Trigger
August, 2014 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com